Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4306 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP4306
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4306 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP4306 Datasheet HTML 1Page - Diodes Incorporated AP4306 Datasheet HTML 2Page - Diodes Incorporated AP4306 Datasheet HTML 3Page - Diodes Incorporated AP4306 Datasheet HTML 4Page - Diodes Incorporated AP4306 Datasheet HTML 5Page - Diodes Incorporated AP4306 Datasheet HTML 6Page - Diodes Incorporated AP4306 Datasheet HTML 7Page - Diodes Incorporated AP4306 Datasheet HTML 8Page - Diodes Incorporated AP4306 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP4306
Document number: DS36792 Rev. 2 - 2
4 of 11
www.diodes.com
January 2014
© Diodes Incorporated
AP4306
A Product Line of
Diodes Incorporated
Functional Block Diagram
4
5
2
1
3
6
1.210V
VCC
VOUT
VCTRL
GND
VSENSE
ICTRL
For A, B, C Versions
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
20
V
VIN
Input Voltage
-0.3 to VCC
V
TJ
Junction Temperature
+150
C
TSTG
Storage Temperature
-65 to +150
C
TLEAD
Lead Temperature (Soldering, 5sec)
+260
C
θ
JA
Thermal Resistance (Junction to Ambient)
250
C/W
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
2.5
18
V
TA
Operating Temperature Range
-40
+105
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com