Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4306 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP4306
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4306 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP4306 Datasheet HTML 3Page - Diodes Incorporated AP4306 Datasheet HTML 4Page - Diodes Incorporated AP4306 Datasheet HTML 5Page - Diodes Incorporated AP4306 Datasheet HTML 6Page - Diodes Incorporated AP4306 Datasheet HTML 7Page - Diodes Incorporated AP4306 Datasheet HTML 8Page - Diodes Incorporated AP4306 Datasheet HTML 9Page - Diodes Incorporated AP4306 Datasheet HTML 10Page - Diodes Incorporated AP4306 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP4306
Document number: DS36792 Rev. 2 - 2
8 of 11
www.diodes.com
January 2014
© Diodes Incorporated
AP4306
A Product Line of
Diodes Incorporated
Ordering Information
AP4306 X X XX - XX
Packing
Package
TR: Tape & Reel
K: SOT26
G1: Green
Product Name
E1/G1
E1: Lead Free
Version
A: 70mV VSENSE
B: 100mV VSENSE
C: 150mV VSENSE
Diodes IC’s Pb-free products with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green package.
Package
Version
Part Number
Marking ID
Packing
Lead Free
Green
Lead Free
Green
SOT26
70mV VSENSE
AP4306AKTR-E1
AP4306AKTR-G1
E7L
G7L
3000/Tape & Reel
100mV VSENSE
AP4306BKTR-E1
AP4306BKTR-G1
E7M
G7M
3000/Tape & Reel
150mV VSENSE
AP4306CKTR-E1
AP4306CKTR-G1
E7N
G7N
3000/Tape & Reel
Marking Information
: Logo
XXX: Marking ID (See ordering information)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com