Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR345 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APR345
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR345 Datasheet(HTML) 4 Page - Diodes Incorporated

  APR345 Datasheet HTML 1Page - Diodes Incorporated APR345 Datasheet HTML 2Page - Diodes Incorporated APR345 Datasheet HTML 3Page - Diodes Incorporated APR345 Datasheet HTML 4Page - Diodes Incorporated APR345 Datasheet HTML 5Page - Diodes Incorporated APR345 Datasheet HTML 6Page - Diodes Incorporated APR345 Datasheet HTML 7Page - Diodes Incorporated APR345 Datasheet HTML 8Page - Diodes Incorporated APR345 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
APR345
Document number: DS38010 Rev. 5 - 2
4 of 11
www.diodes.com
June 2016
© Diodes Incorporated
APR345
Electrical Characteristics (@VCC = 5V, TA = +25C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
Supply Voltage ( VCC Pin )
ISTARTUP
Startup Current
VCC = VSTARTUP-0.1V
100
150
µA
IOP
Operating Current
VDET pin floating
VCC = 5V
100
150
µA
VSTARTUP
Startup Voltage
3.1
V
UVLO
2.8
V
Gate Driver
VTHON
Gate Turn On Threshold
0
1
V
VTHOFF
Gate Turn Off Threshold
-20
-11.5
-3
mV
tDON
Turn On Delay Time
From VTHON to VDRISR = 1V
70
130
ns
tDOFF
Turn Off Propagation Delay Time
From VTHOFF to VDRISR = 4V
100
150
ns
tRG
Turn On Rising Time
From 1V to 4V, VCC=5V, CL=4.7nF
50
100
ns
tFG
Turn Off Falling Time
From 4V to 1V, VCC=5V, CL=4.7nF
20
35
ns
tON_MIN
Minimum On Time
1.2
1.6
2
µs
VDRISR
VDRI_HIGH
Drive Maximum Voltage
VCC
V
VDRI_HOLD
SR Drive Hold Voltage
VCC<5V
VCC
V
VCC>=5V
5
Kqs
0.32
0.42
0.52
mA*
μs
VS_MIN
Synchronous Rectification (SR)
Minimum Operating Voltage (Note 5)
4.5
V
Synchronous Rectification Detection
VTH_CCM
VDRISR Rising Threshold
VDRISR output transitions from High to
Low
0.43
0.53
0.63
V
tDCCM
CCM Propagation Delay
From CCM rising to VDRISR falling
10%
20
35
ns
Note 5: This item specifies the minimum SR operating voltage of VIN_DC, VIN_DC≥NPS*VS_MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com