Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR345 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # APR345
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR345 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button APR345 Datasheet HTML 3Page - Diodes Incorporated APR345 Datasheet HTML 4Page - Diodes Incorporated APR345 Datasheet HTML 5Page - Diodes Incorporated APR345 Datasheet HTML 6Page - Diodes Incorporated APR345 Datasheet HTML 7Page - Diodes Incorporated APR345 Datasheet HTML 8Page - Diodes Incorporated APR345 Datasheet HTML 9Page - Diodes Incorporated APR345 Datasheet HTML 10Page - Diodes Incorporated APR345 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
APR345
Document number: DS38010 Rev. 5 - 2
8 of 11
www.diodes.com
June 2016
© Diodes Incorporated
APR345
Synchronous Rectification Principle Description (Cont.)
Recommended Application Circuit Parameters
The two resistors R23 and R24 are used to pass ESD test. The value of R23 and R24 should be over 20
Ω and below 47Ω respectively because of
the undershoot performance. The package of R23 and R24 should be at least 0805
and there isn’t any trace under these two resistors.
CAREF is suggested to parallel with AREF resistor to keep the volt-second product threshold stable. And the recommended value of CAREF is 20nF.
The recommended value of C24 is 100nF.
Ordering Information
Packing
Package
Product Name
TR : Tape & Reel
K6 : SOT26
G1 : Green
APR345 XX XX – XX
RoHS/Green
Package
Temperature Range
Part Number
Marking ID
Packing
SOT26
-40
C to +85C
APR345K6TR-G1
GB1
3000/Tape & Reel
Marking Information
(Top View)
: Logo
GB1: Marking ID
GB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com