Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3415C Datasheet(PDF) 7 Page - Diodes Incorporated

Part # APR3415C
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR3415C Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button APR3415C Datasheet HTML 3Page - Diodes Incorporated APR3415C Datasheet HTML 4Page - Diodes Incorporated APR3415C Datasheet HTML 5Page - Diodes Incorporated APR3415C Datasheet HTML 6Page - Diodes Incorporated APR3415C Datasheet HTML 7Page - Diodes Incorporated APR3415C Datasheet HTML 8Page - Diodes Incorporated APR3415C Datasheet HTML 9Page - Diodes Incorporated APR3415C Datasheet HTML 10Page - Diodes Incorporated APR3415C Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
APR3415C
Document number: DS37105 Rev. 4 - 2
7 of 11
www.diodes.com
December 2016
© Diodes Incorporated
APR3415C
Operation Description (Cont.)
Minimum On Time
When the controlled MOSFET gate is turned on, some ringing noise is generated. The minimum on-time timer blanks the VTHOFF comparator,
keeping the controlled MOSFET on for at least the minimum on time. If VTHOFF falls below the threshold before minimum on time expires, the
MOSFET will keep on until the end of the minimum on time.
The minimum on time is in direct proportion to the (VDET-VCC)*tONP. When (VDET-VCC)*tONP=5V*5μs, the minimum on time is about 1.8μs.
The Value and Meaning of AREF Resistor
As to DCM operation Flyback converter, after secondary rectifier stop conduction the primary MOSFET Drain-to-source ringing waveform is
resulted from the resonant of primary inductance and equivalent switch device output capacitance. This ringing waveform probably leads to
Synchronous Rectifier error conduction. To avoid this fault happening, APR3415C has a special function design by means of volt-second product
detecting. From the sensed voltage of VDET pin to see, the volt-second product of voltage above VCC at primary switch on time is much higher
than the volt-second product of each cycle ringing voltage above VCC. Therefore, before every time Synchronous Rectifier turning on, APR3415C
judges if the detected volt-second product of VDET voltage above VCC is higher than a threshold and then turn on synchronous Rectifier. The
purpose of AREF resistor is to determine the volt-second product threshold. APR3415C has a parameter, Kqs, which converts RAREF value to volt-
second product,
Kqs
*
R
2
Area
AREF
In general, Area1 and Area3 value depend on system design and are always fixed after system design frozen. As to
Diodes Incorporated’s PSR
design, the Area1 value changes with primary peak current value and Area3 value generally keeps constant at all conditions. So the AREF resistor
design should consider the worst case, the minimum primary peak current condition. Since of system design parameter distribution, Area1 and
Area3 have moderate tolerance. So Area2 should be designed between the middle of Area1 and Area3 to keep enough design margin.
Area1
Kqs
*
R
3
Area
AREF
VDET
VCC
Area3
Area1=(VDET-VCC)*tONP
Area2=Kqs*RAREF
Figure 3. AREF Function
SR Minimum Operating Voltage
APR3415C sets a minimum SR operating voltage by comparing the difference between VDET and output voltage (VCC). The value of VDET–VCC
must be higher than its internal reference, then APR3415C will begin to integrate the area of (VDET–VCC)*tONP. If not, the area integrating will not
begin and the SR driver will be disabled.
SR Turning off Timing Impact on PSR CV Sampling
As to synchronous rectification on Flyback power system, SR MOSFET need to turn off in advance of secondary side current decreasing to zero to
avoid current flowing reversely. When SR turns off in advance, the secondary current will flow through the body diode. The SR turning off time is
determined by the VTHOFF at a fixed system. When VTHOFF is more close to zero, the SR turning on time gets longer and body diode conduction
time gets shorter. Since of the different voltage drop between SR MOSFET and body diode, the PSR feedback signal VFB appears a voltage jump
at the time of SR MOSFET turning off. If the PSR CV sampling time tSAMPLE is close to even behind this voltage jump time, there will be system
unstable operation issue or the lower output voltage issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com