Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3415C Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APR3415C
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR3415C Datasheet(HTML) 3 Page - Diodes Incorporated

  APR3415C Datasheet HTML 1Page - Diodes Incorporated APR3415C Datasheet HTML 2Page - Diodes Incorporated APR3415C Datasheet HTML 3Page - Diodes Incorporated APR3415C Datasheet HTML 4Page - Diodes Incorporated APR3415C Datasheet HTML 5Page - Diodes Incorporated APR3415C Datasheet HTML 6Page - Diodes Incorporated APR3415C Datasheet HTML 7Page - Diodes Incorporated APR3415C Datasheet HTML 8Page - Diodes Incorporated APR3415C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
APR3415C
Document number: DS37105 Rev. 4 - 2
3 of 11
www.diodes.com
December 2016
© Diodes Incorporated
APR3415C
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 7.5
V
VDET, VDRAIN
Voltage at VDET, DRAIN Pin
-2 to 50
V
VAREF, VDRISR
Voltage at AREF, DRISR Pin
-0.3 to 6
V
ID
Continuous Drain Current
15
A
IDM
Pulsed Drain Current
60
A
PD
Power Dissipation at TA= +25ºC
0.7
W
JA
Thermal Resistance (Junction to Ambient)
(Note 5)
170
°C/W
JC
Thermal Resistance (Junction to Case)
(Note 5)
24
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
Notes: 4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. FR-4 substrate PC board, 2oz copper, with 1 inch
2 pad layout.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
3.3
6
V
TA
Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com