Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV2772G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # ULV2772G-S08-R
Description  FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV2772G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  ULV2772G-S08-R Datasheet HTML 1Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 2Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 3Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 4Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 5Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 6Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 7Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ULV2772
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R105-053.b
ELECTRICAL CHARACTERISTICS AT SPECIFIED FREE-AIR TEMPERATURE
VDD=5V (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA (Note 1)
MIN
TYP
MAX UNIT
25°C
0.36
2.5
Input Offset Voltage
VIO
Full range
0.4
2.7
mV
Temperature Coefficient
Of Input Offset Voltage
αVIO
25°C~125°C
2
µV/°C
25°C
1
60
Input Offset Current
IIO
Full range
2
125
pA
25°C
2
60
Input Bias Current
IIB
VDD=±2.5V, VIC=0, VO=0, RS=50Ω
Full range
6
350
pA
0
-0.3
25°C
3.7
3.8
0
-0.3
Common-mode Input
Voltage Range
VICR
CMRR>60dB, RS=50Ω
Full range
3.7
3.8
V
25°C
4.9
IOH=-1.3mA
Full range
4.8
25°C
4.7
High-level Output Voltage
VOH
IOH=-4.2mA
Full range
4.4
V
25°C
0.1
VIC=2.5V, IOL=1.3mA
Full range
0.2
25°C
0.21
Low-level Output Voltage
VOL
VIC=2.5V, IOL=4.2mA
Full range
0.6
V
25°C
20
450
Large-signal Differential
Voltage Amplification
AVD
VIC=1.35V, RL=10kΩ,
VO=0.6V~2.1V (Note 2)
Full range
13
V/mV
Differential Input
Resistance
RI (D)
25°C
10
12
Ω
Common-mode Input
Capacitance
CI (C)
f=10kHz
25°C
8
pF
Closed-loop Output
Impedance
ZO
f=100kHz, AV=10
25°C
20
Ω
25°C
60
96
Common-mode Rejection
Ratio
CMRR VIC=VICR (min), VO=3.7V, RS=50Ω
Full range
60
93
dB
25°C
70
89
Supply Voltage Rejection
Ratio (∆VDD/∆VIO)
KSVR
VDD=2.7V~5V, VIC=VDD/2, No load
Full range
70
84
dB
25°C
1
2
Supply Current
(Per Channel)
IDD
VO=1.5V, No load
Full range
2
mA
Notes: 1. Full range is −40°C~125°C for Q level part.
2. Referenced to 2.5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com