Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV2772G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULV2772G-S08-R
Description  FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV2772G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULV2772G-S08-R Datasheet HTML 1Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 2Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 3Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 4Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 5Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 6Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 7Page - Unisonic Technologies ULV2772G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULV2772
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R105-053.b
FAMILY OF 2.7V
HIGH-SLEW-RATE
RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS
DESCRIPTION
The UTC ULV2772 is CMOS operational amplifier with
rail-to-rail output swing, high output drive, and excellent
dc-precision. For providing high slew rate and high bandwidth, the
device only consumes 1mA of supply current per channel. This
ac-performance is much higher than current competitive CMOS
amplifiers. Because of its rail-to-rail output swing and high output
drive, the UTC ULV2772 is a good choice for driving the analog
input or reference of analog-to-digital converters. And because of
its low distortion while driving a 600Ω load, the device also can be
used in telecom systems.
The UTC ULV2772 is also specified across an extended temperature range (−40°C~125°C), making it useful for
automotive systems.
The UTC ULV2772 is characterized at 2.7V and 5V and can operate from a 2.5V to 5.5V single supply
voltage. The single-supply operation and low power consumption means the device is a good solution for por
table applications.
FEATURES
* Qualified for Automotive or Portable Applications
* Supply Voltage Range from 2.5V ~ 5.5V
* Rail-to-Rail Output
* Low Distortion Driving 600Ω: 0.005% THD+N
* Low Supply Current (Per Channel): 1mA
* 17nV/√Hz Input Noise Voltage
* Characterized From TA=−40°C~125°C
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULV2772L-S08-R
ULV2772G-S08-R
SOP-8
Tape Reel
ULV2772L-P08-R
ULV2772G-P08-R
TSSOP-8
Tape Reel


Similar Part No. - ULV2772G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV2702 UTC-ULV2702 Datasheet
182Kb / 6P
NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
ULV2702L-S08-R UTC-ULV2702L-S08-R Datasheet
182Kb / 6P
NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
More results

Similar Description - ULV2772G-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV277X TI-TLV277X Datasheet
918Kb / 54P
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV227X TI-TLV227X Datasheet
1Mb / 63P
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X-Q1 TI-TLV277X-Q1 Datasheet
828Kb / 41P
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X_07 Datasheet
1Mb / 65P
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2771-Q1 TI1-TLV2771-Q1 Datasheet
974Kb / 45P
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772A-EP TI1-TLV2772A-EP Datasheet
1Mb / 40P
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com