Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV2702L-S08-R Datasheet (PDF) - Unisonic Technologies

ULV2702L-S08-R Datasheet PDF - Unisonic Technologies
Part # ULV2702L-S08-R
Download  ULV2702L-S08-R Download
File Size   182.59 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS

ULV2702L-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
ULV2702L-S08-R Datasheet PDF - Unisonic Technologies

Part # ULV2702L-S08-R
Download  ULV2702L-S08-R Click to download

File Size   182.59 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS

ULV2702L-S08-R Datasheet (HTML) - Unisonic Technologies


ULV2702L-S08-R Product details

 DESCRIPTION
The UTC ULV2702 includes sub-micropower operational
amplifier and comparator into a single package that produces
excellent micropower signal conditioning with only 1.4µA of
supply current. This gives the designer more board space and
reduces part counts in systems that require an operational
amplifier and comparator. The low supply current makes it an
ideal choice for battery powered portable applications where
quiescent current is the primary concern. Reverse battery
protection guards the amplifier from an over-current condition due
to improper battery installation. For harsh environments, the
inputs can be taken 5V above the positive supply rail without
damage to the device.
The maximum recommended supply voltage is as high as 16V
and ensured operation down to 2.5V, with electrical
characteristics specified at 2.7V, 5V, and 15V. The 2.5V
operation makes it compatible with Li-Ion battery-powered
systems and many micro-power microcontrollers.

FEATURES
* Micro-Power Operation: 1.4µA
* Input Common-Mode Range Exceeds the Rails: -0.1V~ VCC+ 5V
* Supply Voltage Range: 2.5V ~16V
* Rail-to-Rail Input/Output (Amplifier)
* Reverse Battery Protection Up to 18V
* Gain Bandwidth Product: 5.5kHz (Amplifier)
* Push-Pull CMOS Output Stage (Comparator)
* Specified Temperature Range–TA =-40°C~125°C




Similar Part No. - ULV2702L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
ULV2772G-P08-R UTC-ULV2772G-P08-R Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
ULV2772G-S08-R UTC-ULV2772G-S08-R Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
ULV2772L-P08-R UTC-ULV2772L-P08-R Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
ULV2772L-S08-R UTC-ULV2772L-S08-R Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Similar Description - ULV2702L-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_17 Datasheet
528Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com