Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV2702L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULV2702L-S08-R
Description  NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV2702L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULV2702L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 4Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 5Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULV2702
Advance
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2020 Unisonic Technologies Co., Ltd
QW-R105-088.a
NANOPOWER OPERATIONAL
AMPLIFIERS AND PUSH-PULL
COMPARATORS
DESCRIPTION
The UTC ULV2702 includes sub-micropower operational
amplifier and comparator into a single package that produces
excellent micropower signal conditioning with only 1.4µA of
supply current. This gives the designer more board space and
reduces part counts in systems that require an operational
amplifier and comparator. The low supply current makes it an
ideal choice for battery powered portable applications where
quiescent current is the primary concern. Reverse battery
protection guards the amplifier from an over-current condition due
to improper battery installation. For harsh environments, the
inputs can be taken 5V above the positive supply rail without
damage to the device.
The maximum recommended supply voltage is as high as 16V
and
ensured
operation
down
to
2.5V,
with
electrical
characteristics specified at 2.7V, 5V, and 15V. The 2.5V
operation makes it compatible with Li-Ion battery-powered
systems and many micro-power microcontrollers.
FEATURES
* Micro-Power Operation: 1.4µA
* Input Common-Mode Range Exceeds the Rails: -0.1V~ VCC+ 5V
* Supply Voltage Range: 2.5V ~16V
* Rail-to-Rail Input/Output (Amplifier)
* Reverse Battery Protection Up to 18V
* Gain Bandwidth Product: 5.5kHz (Amplifier)
* Push-Pull CMOS Output Stage (Comparator)
* Specified Temperature Range–TA =-40°C~125°C
SOP-8


Similar Part No. - ULV2702L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
ULV2772G-P08-R UTC-ULV2772G-P08-R Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
ULV2772G-S08-R UTC-ULV2772G-S08-R Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
ULV2772L-P08-R UTC-ULV2772L-P08-R Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
ULV2772L-S08-R UTC-ULV2772L-S08-R Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - ULV2702L-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_17 Datasheet
528Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com