Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV2702L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULV2702L-S08-R
Description  NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV2702L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULV2702L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 4Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 5Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ULV2702
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-088.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 1)
VCC
17
V
Differential Input Voltage
VID
VCC
V
Input Voltage Range (Note 1,2)
VI
0 ~ Vcc+5
V
Input Current (Any Input)
II
±10
mA
Output Current Range
IO
±10
mA
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values, except differential voltages, are with respect to ground.
3. Input voltage range is limited to 20V max or VCC + 5V, whichever is smaller.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
Single Supply
VCC
2.5
16
V
Split Supply
±1.25
±8
V
Common-Mode Input Voltage Range
Amplifier and
Comparator
VICR
-0.1
VCC+5
V
Operating Free-Air Temperature
TA
-40
+125
°C
ELECTRICAL CHARACTERISTICS (VCC=2.7, 5V and 15V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AMPLIFIER DC PERFORMANCE
Input Offset Voltage
VIO
VO=VCC/2V, VIC =VCC/2V, RS=50Ω
390
4000
µV
Common-Mode Rejection Ratio
CMRR
VIC=0~VCC,
RS=50Ω
VCC=2.7V
55
73
dB
VCC=5V
60
80
dB
VCC=15V
66
90
dB
Large-Signal Differential Voltage
Amplification
AVD
VCC=2.7V,VO(PP)=1.5V, RL=500kΩ
130
400
V/mV
VCC=5V,VO(PP)=3V, RL=500kΩ
300
1000
V/mV
VCC=15V,VO(PP)=8V, RL=500kΩ
400
1800
V/mV
Power Supply Rejection Ratio
(∆VCC/∆VIO)
PSRR
VIC=VCC/2V, No
Load
VCC=2.7~5V
90
120
dB
VCC=5~15V
94
120
dB
AMPLIFIER AND COMPARATOR INPUT CHARACTERISTICS
Input Offset Current
IIO
VO=VCC/2V, VIC =VCC/2V, RS=50Ω
25
250
pA
Input Bias Current
IIB
100
500
pA
Differential Input Resistance
ri(d)
TA=25°C
300
MΩ
Common-Mode Input Capacitance
Ci(c)
f=100kHz, TA=25°C
3
pF
AMPLIFIER OUTPUT CHARACTERISTICS
High Level Output Voltage
VOH
VIC=VCC/2,
IOH=-50µA
VCC=2.7V
2.55
2.65
V
VCC=5V
4.85
4.95
V
VCC=15V
14.8 14.95
V
Low Level Output Voltage
VOL
VIC=VCC/2, IOL=50µA
180
260
mV
Output Current
IO
VO=0.5V from Rail
±200
µA
Closed-Loop Output Impedance
ZO
f =100Hz, AV=10
1.2
kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com