Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV2702L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # ULV2702L-S08-R
Description  NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV2702L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  ULV2702L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 4Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 5Page - Unisonic Technologies ULV2702L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ULV2702
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R105-088.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AMPLIFIER DYNAMIC PERFORMANCE
Unity Gain Bandwidth
UGBW
RL=500kΩ, CL=100pF
5.5
kHz
Slew Rate at Unity Gain
SR
VO(pp)=0.8V, RL=500kΩ, CL=100pF
2.5
V/ms
Phase Margin
φm
RL=500kΩ, CL=100pF
60
°
Gain Margin
Gm
RL=500kΩ, CL=100pF
15
dB
Settling Time
tS
VCC=2.7 or 5V,
V(STEP)PP=1V,
CL=100pF, AV=-1,
RL=100kΩ
0.1%
1.84
ms
VCC=15V,
V(STEP)PP=1V,
CL=100pF, AV=-1,
RL=100kΩ
0.1%
6.1
ms
0.01%
32
ms
Equivalent Input Noise Voltage
Vn
f = 0.1~10Hz
5.3
µVpp
f =100Hz
500
nV Hz
Equivalent Input Noise Current
In
f =100Hz
8
fA Hz
SUPPLY CURRENT
Supply Current (one op-amp and
one Comparator)
ICC
VO=VCC/2
VCC=2.7V or 5V
1.4
µA
VCC=15V
1.4
1.9
µA
Reverse Supply Current
VCC=-18V, VI =0V, VO=Open
50
nA
COMPARATOR DC PERFORMANCE
Input Offset Voltage
VIO
VIC =VCC/2, RS=50Ω
250
5000
µV
Offset Voltage Draft
αVIO
3
µV/°C
Common-Mode Rejection Ratio
CMRR
VIC=0~VCC,
RS=50Ω
VCC=2.7V
55
72
dB
VCC=5V
60
76
dB
VCC=15V
65
88
dB
Large-Signal Differential Voltage
Amplification
AVD
1000
V/mV
Power Supply Rejection Ratio
(∆VCC/∆VIO)
PSRR
VIC=VCC/2V, No
Load
VCC=2.7~5V
75
100
dB
VCC=5~15V
85
105
dB
COMPARATOR OUTPUT CHARACTERISTICS
Differential Input Resistance
ri(d)
300
MΩ
High Level Output Voltage
VOH
VIC=VCC/2, IOH=-50µA, VID=1V
VCC-320
mV
Low Level Output Voltage
VOL
VIC=VCC/2, IOL=50µA, VID=-1V
80
200
mV
SWITCHING CHARACTERISTICS (VCC=2.7, 5V and 15V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Response Time,
Low-to-High-Level Output
t(PLH)
f=10kHz,
VSTEP=100mV,
CL=10pF,
VCC=2.7V
Overdrive=2mV
240
µs
Overdrive=10mV
64
µs
Overdrive=50mV
36
µs
Propagation Response Time, High
-to- Low -Level Output
t(PHL)
Overdrive=2mV
167
µs
Overdrive=10mV
67
µs
Overdrive=50mV
37
µs
Rise Time
tr
CL=10pF, VCC=2.7V
7
µs
Fall Time
tf
CL=10pF, VCC=2.7V
9
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com