Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33178G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC33178G-S08-R
Description  HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC33178G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC33178G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC33178
Preliminary
BIPOLAR IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-050.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (VCC to VEE)
VS
+36
V
Input Differential Voltage Range
VIDR
(Note 2)
V
Input Voltage Range
VIR
(Note 2)
V
Output Short Circuit Duration (Note 3)
tSC
Indefinite
sec
Maximum Power Dissipation
PD
(Note 3)
mW
Maximum Junction Temperature
TJ
+150
°C
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-60~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Either or both input voltages must not exceed the magnitude of VCC or VEE.
3. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
DC ELECTRICAL CHARACTERISTICS (VCC=+15 V, VEE=-15 V, TA=25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Offset Voltage
|VIO|
RS=50Ω, VCM=0V, VO=0V
VCC=+2.5V, VEE=-2.5V ~ VCC=+15V, VEE=-15V
0.15
3.0
mV
Average Temperature
Coefficient of Input Offset
Voltage
∆VIO/∆T RS=50Ω, VCM=0V, VO=0V, TA=-40°C~+85°C
2.0
µV/°C
Input Bias Current
IIB
VCM=0V, VO=0V
100
500
nA
Input Offset Current
|IIO|
VCM=0V, VO=0V
5.0
50
nA
Common Mode Input Voltage
Range
VICR
∆VIO=5.0mV, VO=0V
+
13
+
14
-14
-13
V
Large Signal Voltage Gain
AVOL
VO=-10V~+10V, RL=600Ω
50k
200k
V/V
VO+
RL=300Ω
+12
V
VO-
RL=300Ω
-12
V
VO+
RL=600Ω
+12 +13.6
V
VO-
RL=600Ω
-13
-12
V
VO+
RL=2.0kΩ
+13
+14
V
VO-
VCC=+15V,
VEE=-15V
RL=2.0kΩ
-13.8
-13
V
VOL
RL=600Ω
1.1
1.6
V
Output Voltage Swing
VOH
VID=±1.0V
VCC=+2.5V,
VEE=-2.5V
RL=600Ω
-1.6
-1.1
V
Common Mode Rejection
CMR
Vin=±13V
80
110
dB
Power Supply Rejection
PSR
VCC/VEE=+15V/-15V, +5.0V/-15V, +15V/-5.0V
80
110
dB
Source (VCC=2.5V~15V)
+50
+80
mA
Output Short Circuit Current
ISC
VID=1.0V,
Output to
Ground
Sink (VEE=-2.5V~ -15V)
-100
-50
mA
Power Supply Current (Dual)
ID
VO=0V
VCC=2.5V, VEE=-2.5V ~
VCC=+15V, VEE=-15V
1.4
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com