Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33178G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MC33178G-S08-R
Description  HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC33178G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MC33178G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC33178G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC33178
Preliminary
BIPOLAR IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R105-050.c
AC ELECTRICAL CHARACTERISTICS (VCC=+15 V, VEE=-15 V, TA=25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Slew Rate
SR
Vin=-10V~+10 V, RL=2.0kΩ, CL=100Pf
AV=+1.0V
1.2
2
V/µs
Gain Bandwidth Product
GBW
f=100kHz
2.5
5
MHz
AC Voltage Gain
AVO
RL=600Ω, VO=0V, f=20kHz
50
dB
Unity Gain Frequency
fU
Open-Loop, RL=600Ω, CL=0pF
3
MHz
Gain Margin
Am
RL=600Ω, CL=0pF
15
dB
Phase Margin
φm
RL=600Ω, CL=0pF
60
Degrees
Channel Separation
CS
f=100Hz~20kHz
-120
dB
Power Bandwidth
BWp
VO=20Vpp, RL=600Ω, THD≤1.0%
32
kHz
f=1.0kHz
0.0024
%
f=10kHz
0.014
%
Total Harmonic Distortion
THD
RL=600Ω, VO=2.0Vpp,
AV=+1.0V
f=20kHz
0.024
%
Open Loop Output Impedance
|ZO|
VO=0V, f=3.0MHz, AV=10V
150
Ω
Differential Input Resistance
RIN
VCM=0V
200
kΩ
Differential Input Capacitance
CIN
VCM=0V
10
pF
f=10Hz
8
nV/ Hz
Equivalent Input Noise Voltage
en
RS=100Ω
f=1.0kHz
7.5
nV/ Hz
f =10Hz
0.33
pA/ Hz
Equivalent Input Noise Current
in
f=1.0kHz
0.15
pA/ Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com