Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM611G-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UM611G-S16-R
Description  DOUBLE CONSTANT VOLTAGE CONTROLLERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM611G-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UM611G-S16-R Datasheet HTML 1Page - Unisonic Technologies UM611G-S16-R Datasheet HTML 2Page - Unisonic Technologies UM611G-S16-R Datasheet HTML 3Page - Unisonic Technologies UM611G-S16-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UM611
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R105-057.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage (VCC to GND)
VCC
20
V
Op Amp 1 and 2 Input Voltage Range
VIN
-0.3 ~ VCC+0.3
V
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
3 ~ 20
V
Ambient Temperature
TA
-40 ~ +105
°C
ELECTRICAL CHARACTERISTICS
(Operating Conditions: VCC=+5V, TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
VCC=5V, no load, -40°C≤TA≤105°C
0.45
0.75
mA
Total Supply Current
ICC
VCC=20V, no load, -40°C≤TA≤105°C
2.2
3.6
mA
TA=25°C
0.793
0.800
0.807
V
Reference Voltage 1
VREF1
-40°C≤TA≤105°C
0.790
0.800
0.810
V
TA=25°C
0.595
0.600
0.605
V
Reference Voltage 2
VREF2
-40°C≤TA≤105°C
0.593
0.600
0.607
V
Source
ISOURCE VCC=15V, VID =0.5V, VO=2V
17
20
mA
Output Current
Sink
ISINK
VCC=15V, VID=-0.5V, VO=2V
7
12
mA
Output Voltage Swing (High)
VOH
VCC=20V, RL=10kΩ, VID=0.5V
17
18
V
Output Voltage Swing (Low)
VOL
VCC=20V, RL=10kΩ, VID=-0.5V
17
100
mV
Slew Rate
SR
VCC=18V, RL=2kΩ, AV =-1,
VIN=0.5~2V, CL=100pF
0.2
1.0
V/μs
Unity Gain Bandwidth
GBP
VCC=18V, RL=2kΩ, CL=100pF
0.7
1.0
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com