Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM611G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM611G-S16-R
Description  DOUBLE CONSTANT VOLTAGE CONTROLLERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM611G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM611G-S16-R Datasheet HTML 1Page - Unisonic Technologies UM611G-S16-R Datasheet HTML 2Page - Unisonic Technologies UM611G-S16-R Datasheet HTML 3Page - Unisonic Technologies UM611G-S16-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM611
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R105-057.a
DOUBLE CONSTANT
VOLTAGE CONTROLLERS
DESCRIPTION
The UTC UM611 is a highly integrated solution for double
constant voltage application.
The UTC UM611 contains two voltage reference (0.6V and
0.8V) and two operational amplifiers. The 0.8V voltage reference,
combined with one operational amplifier, makes of an ideal
voltage controller for use in adapters and battery chargers. The
0.6 voltage reference, combined with another operational
amplifier, makes of an ideal current limiter for use in adapters and
battery chargers.
FEATURES
* Constant voltage control
* Low supply current: 0.45mA (VCC=5V)
* Easy compensation
* Precision Internal Voltage Reference: 0.6V/0.8V
* Low external component
* Operating power supply : 3V~20V
APPLICATION
* battery chargers
* DCDC application
* ACDC adapters
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UM611L-S16-R
UM611G-S16-R
SOT-26
Tape Reel
MARKING
M611
12 3
4
5
6
L: Lead Free
G: Halogen Free


Similar Part No. - UM611G-S16-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM611 ETC1-UM611 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
UM6114 ETC1-UM6114 Datasheet
98Kb / 1P
2K x 8High Speed CMOS Static RAM
UM6116 ETC1-UM6116 Datasheet
98Kb / 1P
2K x 8High Speed CMOS Static RAM
logo
UMC Corporation
UM6116-2 UMC-UM6116-2 Datasheet
498Kb / 8P
2K x 8 CMOS SRAM
UM6116-25 UMC-UM6116-25 Datasheet
375Kb / 6P
2K x 8 High Speed CMOS SRAM
More results

Similar Description - UM611G-S16-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
Flexible Double Ended Voltage and Current Mode PWM Controllers
July 13, 2007
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
Constant-Current, Constant-Voltage Converter
logo
Unisonic Technologies
UM606 UTC-UM606_15 Datasheet
336Kb / 9P
CONSTANT VOLTAGE
logo
Intersil Corporation
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
Constant current constant voltage IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com