Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5116400D Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5116400D
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116400D Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5116400D Datasheet HTML 1Page - OKI electronic componets MSM5116400D Datasheet HTML 2Page - OKI electronic componets MSM5116400D Datasheet HTML 3Page - OKI electronic componets MSM5116400D Datasheet HTML 4Page - OKI electronic componets MSM5116400D Datasheet HTML 5Page - OKI electronic componets MSM5116400D Datasheet HTML 6Page - OKI electronic componets MSM5116400D Datasheet HTML 7Page - OKI electronic componets MSM5116400D Datasheet HTML 8Page - OKI electronic componets MSM5116400D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MSM5116400D
5/14
DC Characteristics
(VCC = 5V ± 10%, Ta = 0°C to 70°C)
MSM5116400
D-50
MSM5116400
D-60
MSM5116400
D-70
Parameter
Symbol
Condition
Min.
Max
Min.
Max
Min.
Max
Unit
Note
Output High Voltage
VOH IOH = -5.0mA
2.4
VCC
2.4
VCC
2.4
VCC
V
Output Low Voltage
VOL
IOL = 4.2mA
0
0.400.400.4
V
Input Leakage
Current
ILI
0V
£ VI £ 6.5V ;
All other pins not
under test = 0V
-10
10
-10
10
-10
10
mA
Output Leakage
Current
ILO
DQ disable
0V
£ VO £ VCC
-10
10
-10
10
-10
10
mA
Average Power
Supply Current
(Operating)
ICC1
RAS, CAS cycling,
tRC = Min.
¾
75
¾
70
¾
65
mA
1,2
RAS, CAS = VIH
¾
2
¾
2
¾
2
Power Supply
Current
(Standby)
ICC2 RAS, CAS ³
VCC – 0.2V
¾
0.5
¾
0.5
¾
0.5
mA
1
Average Power
Supply Current
(RAS-only Refresh)
ICC3
RAS cycling,
CAS = VIH,
tRC = Min.
¾
75
¾
70
¾
65
mA
1,2
Power Supply
Current
(Standby)
ICC5
RAS = VIH,
CAS = VIL,
DQ = enable
¾
2
¾
2
¾
2mA
1
Average Power
Supply Current
(CAS before RAS
Refresh)
ICC6
RAS = cycling,
CAS before RAS
¾
75
¾
70
¾
65
mA
1,2
Average Power
Supply Current
(Fast Page Mode)
ICC7
RAS = VIL,
CAS cycling,
tPC = Min.
¾
70
¾
65
¾
60
mA
1,3
Notes: 1.
ICC Max. is specified as ICC for output open condition.
2.
The address can be changed once or less while RAS = VIL.
3.
The address can be changed once or less while CAS = VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com