Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5116400D Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM5116400D
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116400D Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5116400D Datasheet HTML 4Page - OKI electronic componets MSM5116400D Datasheet HTML 5Page - OKI electronic componets MSM5116400D Datasheet HTML 6Page - OKI electronic componets MSM5116400D Datasheet HTML 7Page - OKI electronic componets MSM5116400D Datasheet HTML 8Page - OKI electronic componets MSM5116400D Datasheet HTML 9Page - OKI electronic componets MSM5116400D Datasheet HTML 10Page - OKI electronic componets MSM5116400D Datasheet HTML 11Page - OKI electronic componets MSM5116400D Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MSM5116400D
8/14
Notes:
1.
A start-up delay of 200
ms is required after power-up, followed by a minimum of eight initialization
cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved.
2.
The AC characteristics assume tT = 5ns.
3.
VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times
(tT) are measured between VIH and VIL.
4.
This parameter is measured with a load circuit equivalent to 2 TTL load and 100pF.
5.
Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.)
limit, then the access time is controlled by tCAC.
6.
Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.)
limit, then the access time is controlled by tAA.
7.
tOFF (Max.) and tOEZ (Max.) define the time at which the output achieved the open circuit condition
and are not referenced to output voltage levels.
8.
tRCH or tRRH must be satisfied for a read cycle.
9.
tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the
data sheet as electrical characteristics only. If tWCS
³ tWCS (Min.), then the cycle is an early write
cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD
³ tCWD (Min.), tRWD ³ tRWD(Min.), tAWD ³ tAWD (Min.) and tCPWD ³ tCPWD (Min.), then the cycle is a
read modify write cycle and data out will contain data read from the selected cell; if neither of the
above sets of conditions is satisfied, then the condition of the data out (at access time) is
indeterminate.
10. These parameters are referenced to the CAS leading edge in an early write cycle, and to the WE
leading edge in an OE control write cycle, or a read modify write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com