Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1H4LS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS1H4LS
Description  1A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS1H4LS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS1H4LS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS1H4LS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS1H4LS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS1H4LS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "xx" defines voltage from 40V (SS1H4LS) to 200V (SS1H20LS)
Note 2: Whole series with AEC-Q101 qualified and green compound (halogen-free)
PART NO.
(TA=25°C unless otherwise noted)
Document number: DS_D0000121
Version: A15
SOD-123HE
DESCRIPTION
SS1H20LSHRVG
SS1H20LS
H
10,000 / 13" Reel
PACKAGE
AEC-Q101 qualified
Green compound
PACKING
H
3,000 / 7" Reel
SOD-123HE
PACKING CODE
PACKING CODE
PACKING CODE
SUFFIX
RQ
EXAMPLE
PREFERRED P/N
PART NO.
SUFFIX
RATINGS AND CHARACTERISTICS CURVES
RV
RV
G
SS1H4LS - SS1H20LS
ORDERING INFORMATION
SS1HxxLS
(Note 1, 2)
Taiwan Semiconductor
PART NO.
SUFFIX
G
PACKING CODE
SUFFIX
0
0.2
0.4
0.6
0.8
1
1.2
0
255075
100
125
150
LEAD TEMPERATURE (°C)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUVTIVE LOAD
1
10
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single
Half Sine Wave.
0.001
0.01
0.1
1
10
0
2040
6080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
40V-60V
100V-200V
0.1
1
10
00.2
0.4
0.6
0.811.2
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
40V-60V
100V-200V
TJ=25°C
TJ=125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com