Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1H4LS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS1H4LS
Description  1A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS1H4LS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS1H4LS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS1H4LS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS1H4LS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS1H4LS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS1H4LS - SS1H20LS
CREAT BY ART
- Ideal for automated placement
- Compact package size, profile <0.85mm
- Ultra low leakage current
- High surge current capability
- Low power loss, high efficiency
- Halogen-free according to IEC 61249-2-21
Case:
SOD-123HE
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
Polarity:
Indicated by cathode band
Weight:
21mg (approximately)
V
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
µA
mA
TJ
°C
TSTG
°C
Document number: DS_D0000121
Version: A15
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
Moisture sensitivity level: level 1, per J-STD-020
MECHANICAL DATA
Taiwan Semiconductor
1A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
FEATURES
SS1H4
LS
TJ=125°C
SS1H10
LS
SS1H15
LS
UNIT
1H10LS
1H20LS
SS1H20
LS
Maximum instantaneous forward voltage
(Note 1)
40
60
100
SOD-123HE
The devices are designed for high frequency miniature switched
mode power supplies. Its excellent high switching and ultra low
leakage current are ideal solution for the polarity protection,
especially for rail to rail protection in automotive application.
Maximum DC blocking voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
Maximum average forward rectified current
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
SS1H6
LS
150
Marking code
1H4LS
1H6LS
1H15LS
Maximum repetitive peak reverse voltage
150
Maximum RMS voltage
28
42
70
105
200
140
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
0.2
Typical thermal resistance
IR
200
°C/W
0.65
40
60
100
V
1
A
0.80
RθJL
RθJA
20
72
0.3
0.70
VF
IFSM
30
Operating junction temperature range
- 55 to +150
0.1
Maximum reverse current @ rated VR
TJ=25°C
0.85
1
@1.0A


Similar Part No. - SS1H4LS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS1H4LW TSC-SS1H4LW Datasheet
271Kb / 4P
1A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS1H4LS

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR1640C WILLAS-SR1640C Datasheet
465Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Frontier Electronics.
FM140-MH1-THRU-FM1200-MH1 FRONTIER-FM140-MH1-THRU-FM1200-MH1 Datasheet
609Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
logo
SeCoS Halbleitertechnol...
SK140LFL SECOS-SK140LFL Datasheet
296Kb / 2P
40V, 1A Schottky Barrier Rectifiers
SM140TWS SECOS-SM140TWS Datasheet
191Kb / 2P
40V, 1A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS1H4LW TSC-SS1H4LW Datasheet
271Kb / 4P
1A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
SS14LW TSC-SS14LW Datasheet
201Kb / 4P
1A, 40V - 150V Surface Mount Schottky Barrier Rectifiers
SS24LW TSC-SS24LW Datasheet
201Kb / 4P
2A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
SS34LW TSC-SS34LW Datasheet
201Kb / 4P
3A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
SS120 TSC-SS120 Datasheet
286Kb / 5P
1A, 200V Surface Mount Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com