Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4448RG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RG
Description  125mA, 100V Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4448RG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS4448 RG
Taiwan Semiconductor
1
Version:H1612
125mA, 100V Switching Diode
FEATURES
● Low power loss, high efficiency
● Ideal for automated placement
● High surge current capability
● Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
MECHANICAL DATA
● Case: 0603
● Molding compound: UL flammability classification
rating 94V-0
● Moisture sensitivity level: level 1, per J-STD-020
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Matte Au plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Polarity: Indicated by cathode band
● Weight: 3 mg (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
125
mA
VRRM
100
V
IFSM
1.0
A
VF at IF=100mA
1.0
V
TJ MAX
125
°C
Package
0603
Configuration
Single dice
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
PART NUMBER
UNIT
Marking code on the device
S5
Repetitive peak reverse voltage
VRRM
100
V
Forward current
IF(AV)
125
mA
Non-Repetitive Peak Forward Surge
Current
Pulse Width=1
μs
Pulse Width=8.3ms
IFSM
2
1
A
Junction temperature range
TJ
-40 to +125
°C
Storage temperature range
TSTG
-40 to +125
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-ambient thermal resistance
RӨJA
666
°C/W


Similar Part No. - TS4448RG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
350mW High Speed SMD Switching Diode
TS4448RW TSC-TS4448RW Datasheet
223Kb / 4P
350mW High Speed SMD Switching Diode
TS4448RW TSC-TS4448RW_15 Datasheet
223Kb / 4P
350mW High Speed SMD Switching Diode
TS4448RZ TSC-TS4448RZ Datasheet
114Kb / 2P
150mW High Speed SMD Switching Diode
TS4448RZ TSC-TS4448RZ Datasheet
134Kb / 5P
150mW High Speed SMD Switching Diode
More results

Similar Description - TS4448RG

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
100V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
MMBD4448Z SECOS-MMBD4448Z Datasheet
320Kb / 2P
0.25A , 100V Plastic-Encapsulated Switching Diode
SCS400S SECOS-SCS400S_11 Datasheet
152Kb / 2P
0.1A , 100V Surface Mount Switching Diode
SCS914DSTL SECOS-SCS914DSTL Datasheet
138Kb / 2P
0.3A , 100V Plastic-Encapsulated Switching Diode
logo
Formosa MS
MCL4148 FORMOSA-MCL4148_10 Datasheet
102Kb / 7P
150mA Surface Mount Switching Diode- 100V
logo
WILLAS ELECTRONIC CORP
MMBD4448 WILLAS-MMBD4448 Datasheet
384Kb / 2P
150mA Surface Mount Switching Diode-100V
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
200mA Surface Mount Switching Diode - 100V
MMDL914T1 WILLAS-MMDL914T1 Datasheet
690Kb / 5P
200mA Speed Switching Diode-100V
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
410mW Surface Mount Switching Diode-100V
logo
ON Semiconductor
MMSD914 ONSEMI-MMSD914 Datasheet
158Kb / 5P
Switching Diode, High Speed, 100V
November, 2012 - Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com