Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESH1DM Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ESH1DM
Description  1A, 200V - 600V Surface Mount Ultrafast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ESH1DM Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ESH1DM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ESH1DM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ESH1DM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ESH1DM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
2.30
2.70
0.091
0.106
B
2.10
2.30
0.083
0.091
C
0.63
0.73
0.025
0.029
D
0.10
0.20
0.004
0.008
E
1.15
1.35
0.045
0.053
F
0.65
0.85
0.026
0.034
G
1.15
1.35
0.045
0.053
H
0.75
0.95
0.030
0.037
I
1.10
1.50
0.043
0.059
J
0.55
0.75
0.022
0.030
K
0.55
0.75
0.022
0.030
L
0.65
0.85
0.026
0.034
P/N =
Marking code
YW =
Date Code
Version: C1602
Micro SMA
Unit (inch)
0.043
0.079
0.020
0.031
0.039
MARKING DIAGRAM
Taiwan Semiconductor
C0.5
D0.8
E1.0
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A1.1
B2.0
ESH1DM - ESH1JM
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com