Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESH1DM Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ESH1DM
Description  1A, 200V - 600V Surface Mount Ultrafast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ESH1DM Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ESH1DM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ESH1DM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ESH1DM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ESH1DM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESH1DM - ESH1JM
CREAT BY ART
- Very low profile - typical height of 0.68mm
- Reduce switching and conduction loss
- Ideal for automated placement
- Ultrafast recovery times for high frequency
- Halogen-free according to IEC 61249-2-21
ESH1DM to ESH1JM is ideal device for the compact space PCB design.
Specially as boost diode in power factor correction circuitry.
The device is also intended for use as a free wheeling diode in power supplies
For chargers, LED lighting, and other power switching applications.
Molding compound: UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
IF(AV)
A
trr
ns
CJ
pF
TJ
°C
TSTG
°C
Note 2: Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 4: Thermal resistance RθJA - from junction to ambient, RθJM - and junction to mount
Version: C1602
Maximum reverse recovery time (Note 2)
25
ESH1JM
D3
D5
D7
400
600
200
V
Maximum average forward rectified current
TYP
MAX
1
50
Note 1: Pulse test with PW=300μs, 1% duty cycle
-55 to +150
Taiwan Semiconductor
TYP
MAX
1.25
1.5
Marking code
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
-55 to +150
Typical junction capacitance (Note 3)
3
Typical thermal resistance (Note 4)
RθJM
RθJA
40
92
Case:
Micro SMA
Note 3: Measured at 1 MHz and applied reverse voltage of 4.0 V
Maximum reverse current @ rated VR
TJ=25 °C
TJ=125 °C
IR
μA
-
5
°C/W
Operating junction temperature range
Storage temperature range
Micro SMA
A
APPLICATION
ESH1DM
ESH1GM
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
15
MECHANICAL DATA
1A, 200V - 600V Surface Mount Ultrafast Rectifiers
FEATURES
Moisture sensitivity level: level 1, per J-STD-020
Maximum repetitive peak reverse voltage
Polarity:
Indicated by cathode band
Weight:
6mg (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - ESH1DM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ESH1DMH TSC-ESH1DMH Datasheet
505Kb / 5P
1A, 200V Ultra Fast Surface Mount Rectifier
Version: B2110
More results

Similar Description - ESH1DM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1DFL TSC-ES1DFL Datasheet
362Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
EABS1D TSC-EABS1D Datasheet
218Kb / 4P
1A, 200V - 600V Miniature Ultrafast Glass Passivated Bridge Rectifiers
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Memory Technolog...
S1D-K TMT-S1D-K Datasheet
363Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S1D-K TSC-S1D-K Datasheet
363Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
S1DLW TSC-S1DLW Datasheet
196Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
ES1LD TSC-ES1LD Datasheet
424Kb / 7P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com