Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207G-T Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # FR207G-T
Description  2A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR207G-T Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  FR207G-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FR201G-T - FR207G-T
Taiwan Semiconductor
4
Version:A1703
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine Wave
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.5 Maximum Non-repetitive Forward Surge Current
Fig.6 Reverse Recovery Time Characteristic And Test Circuit Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com