Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207G-T Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR207G-T
Description  2A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR207G-T Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR207G-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd FR207G-T Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4
FR201G-T - FR207G-T
Taiwan Semiconductor
1
Version:A1703
2A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
FEATURES
● Glass passivated chip junction
● High current capability, Low V
F
● High reliability
● High surge current capability
● Low power loss, high efficiency
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● TV
● Monitor
MECHANICAL DATA
● Case: DO-204AC (DO-15)
● Molding compound meets UL 94V-0 flammability rating
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Pure tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Polarity: As marked
● Weight: 0.4 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
2
A
VRRM
50 - 1000
V
IFSM
55
A
TJ MAX
150
°C
Package
DO-204AC (DO-15)
Configuration
Single die
DO-204AC (DO-15)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
FR201
G-T
FR202
G-T
FR203
G-T
FR204
G-T
FR205
G-T
FR206
G-T
FR207
G-T
UNIT
Marking code on the device
FR201G FR202G FR203G FR204G FR205G FR206G FR207G
Repetitive peak reverse
voltage
VRRM
50
100
200
400
600
800
1000
V
Reverse voltage, total rms
value
VR(RMS)
35
70
140
280
420
560
700
V
Forward current
IF(AV)
2
A
Surge peak forward
current, 8.3 ms single half
sine-wave superimposed
on rated load per diode
IFSM
55
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - FR207G-T

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR207G RECTRON-FR207G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207G JGD-FR207G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR207G BYTES-FR207G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR207G CHENYI-FR207G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR207G DCCOM-FR207G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR207G-T

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF20-005G FRONTIER-SF20-005G Datasheet
128Kb / 2P
2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
UF20-005 FRONTIER-UF20-005 Datasheet
128Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_15 Datasheet
386Kb / 4P
1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
logo
Frontier Electronics.
FR201G FRONTIER-FR201G Datasheet
1Mb / 2P
2A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
RDBLS207G TSC-RDBLS207G Datasheet
208Kb / 4P
2A, 1000V Fast Recovery Glass Passivated Bridge Rectifier
logo
Taiwan Memory Technolog...
FR101G TMT-FR101G_16 Datasheet
351Kb / 4P
1A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
2A01G-T TSC-2A01G-T Datasheet
272Kb / 6P
2A, 50V - 1000V Glass Passivated Rectifier
F1T1G-K TSC-F1T1G-K Datasheet
409Kb / 6P
1A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
FR151G-T TSC-FR151G-T Datasheet
410Kb / 6P
1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
FR301G-K TSC-FR301G-K Datasheet
412Kb / 6P
3A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com