Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBTA13 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # CMBTA13
Description  NPN Small-Signal Darlington Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CMBTA13 Datasheet(HTML) 1 Page - Rectron Semiconductor

  CMBTA13 Datasheet HTML 1Page - Rectron Semiconductor CMBTA13 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIT
Value
Symbol
IC
Ptot
mA
Thermal Resistance
RthA
K/mW
from junction to Ambient
500
max 300
Collector current
Total power dissipation up to
Tamb = 25
oC
Junction Temperature
max 250
mW
Tj
max 150
oC
Storge Temperature
Tstg
-65 to +150
oC
V
Collector-base voltage (open collector)
VEBO
max 10
V
VCES
max 30
V
VBE = 0
oC
D.C. current gain
hFE
min 5000
IC = 10mA; VCE = 5V
Junction Temperature
Tj
max 150
MHZ
IC = 10mA; VCE = 5V
Symbol
Value
UNIT
VCES
max 30
V
VBE = 0
mW
Tamb = 25
oC
Collector current (d.c.)
IC
max 300
mA
Collector-emitter voltage (open base)
Total power dissipation up to
Ptot
max 250
Collector-emmitter voltage (open base)
Collector-base voltage (open emitter)
VCBO
max 30
VBE = 0
Transition frequency at f = 100MHZ
fT
min 125
NPN Small-Signal Darlington Transistors
CMBTA13
Ratings (at TA = 25
oC unless otherwise specified)
Limmiting values
Unit: inch (mm)
Pin configuration:
1. BASE
2. EMITTER
3. COLLECTOR
1
2
3
Absolute Maximum Ratings
www.rectron.com
1 of 2


Similar Part No. - CMBTA13

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBTA13 RECTRON-CMBTA13 Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
logo
Continental Device Indi...
CMBTA13 CDIL-CMBTA13 Datasheet
250Kb / 3P
N?밣?밡 SMALL?밪IGNAL DARLINGTON TRANSISTORS
More results

Similar Description - CMBTA13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
logo
ON Semiconductor
BSP52T1G ONSEMI-BSP52T1G Datasheet
90Kb / 3P
NPN Small-Signal Darlington Transistor
September, 2010 ??Rev. 6
BSP52T1G ONSEMI-BSP52T1G_12 Datasheet
96Kb / 4P
NPN Small-Signal Darlington Transistor
January, 2012 ??Rev. 8
BSP52T1G ONSEMI-BSP52T1G_V01 Datasheet
180Kb / 6P
NPN Small-Signal Darlington Transistor
May, 2019 ??Rev. 9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com