Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBTA13 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # CMBTA13
Description  NPN Small-Signal Darlington Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CMBTA13 Datasheet(HTML) 2 Page - Rectron Semiconductor

  CMBTA13 Datasheet HTML 1Page - Rectron Semiconductor CMBTA13 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMBTA13
Transition frequency at f = 100 MHZ
fT
min 125
MHZ
IC = 10mA; VCE = 5V
Emitter-base cut-off current
ICBO
max 0.1
uA
VCB = 10 V
Value
UNIT
V
Base-emitter On voltage
VBE(on)
max 2
V
IC = 100mA; VCE = 5V
Collector-emitter saturation voltage
VCEsat
max 1.5
IC = 100mA; IB = 0.1 mA
IC = 100mA; VCE = 5V
min 10000
hFE
D.C. current gain
min 5000
IC = 10mA; VCE = 5V
Symbol
min 30
V
IC = 100 uA
Emitter-base cut-off current
IEBO
max 0.1
uA
VBE = 10 V
Collector-emitter breakdown voltage
V(BR)CES
Characteristics (at Ta=25
oC unless otherwise specified)
www.rectron.com
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com