Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5206-1GDPR3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5206-1GDPR3
Description  6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5206-1GDPR3 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5206-1GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 8Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 7
1
Publication Order Number:
CS5206/D
CS5206−1, CS5206−3,
CS5206−5
6.0 A Adjustable, and
Fixed 3.3 V and 5.0 V
Linear Regulators
The CS5206−X series of linear regulators provides 6.0 A at
adjustable and fixed voltages of 3.3 V and 5.0 V with an accuracy of
±1% and ±2% respectively. The adjustable version uses two external
resistors to set the output voltage within a 1.25 V to 13 V range.
The regulators are intended for use as post regulators and
microprocessor supplies. The fast loop response and low dropout
voltage make these regulators ideal for applications where low voltage
operation and good transient response are important.
The circuit is designed to operate with dropout voltages as low as
1.0 V depending on the output current level. The maximum quiescent
current is only 10 mA at full load.
The regulators are fully protected against overload conditions with
protection circuitry for Safe Operating Area (SOA), overcurrent and
thermal shutdown.
The regulators are available in TO−220−3 and surface mount
D2PAK−3 packages.
Features
• Output Current to 6.0 A
• Output Trimmed to ±1%
• Dropout Voltage 1.3 V @ 6.0 A
• Fast Transient Response
• Fault Protection Circuitry
− Thermal Shutdown
− Overcurrent Protection
− Safe Area Protection
+
−
Thermal
Shutdown
Bandgap
Output
Current
Limit
Error
Amplifier
VOUT
Adj
VIN
Figure 1. Block Diagram − CS5206−1
TO−220−3
T SUFFIX
CASE 221A
Tab = VOUT
Pin 1. Adj
2. VOUT
3. VIN
Adjustable
Output
Fixed
Output
Tab = VOUT
Pin 1. GND
2. VOUT
3. VIN
MARKING DIAGRAMS
CS5206−x
AWLYWW
1
CS5206−x
AWLYWW
1
D2PAK−3
TO−220−3
x
= 1, 3, or 5
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
1
2
3
http://onsemi.com
D2PAK−3
DP SUFFIX
CASE 418AB
1
2
3
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS5206-1GDPR3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5206-1GDPR3 CHERRY-CS5206-1GDPR3 Datasheet
164Kb / 7P
6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
Rev. 7/8/97
More results

Similar Description - CS5206-1GDPR3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Rev. 6/12/97
CS5206-1 CHERRY-CS5206-1 Datasheet
164Kb / 7P
6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
Rev. 7/8/97
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com