Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5206-1GDPR3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5206-1GDPR3
Description  6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5206-1GDPR3 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5206-1GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 8Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS5206−1, CS5206−3, CS5206−5
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
01
234
5
6
Output Current (A)
Figure 3. Dropout Voltage vs. Output Current
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
TCASE = 125°C
TCASE = 25°C
TCASE = 0°C
0
TJ (°C)
Figure 4. Reference Voltage vs. Temperature
0.10
0.08
0.04
0.00
−0.04
−0.08
−0.12
10 20
30 40 50 60 70 80 90 100 110 120 130
01
2
3
4
5
6
Output Current (A)
Figure 5. Load Regulation vs. Output Current
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0.000
TCASE = 125°C
TCASE = 25°C
TCASE = 0°C
1
VIN − VOUT (V)
Figure 6. Minimum Load Current
0.550
TCASE = 125°C
TCASE = 25°C
TCASE = 0°C
0.875
1.200
1.525
1.850
2.175
2.500
234
56789
0
Temperature (
°C)
Figure 7. Adjust Pin Current vs. Temperature
40
45
50
55
60
65
70
20
40
60
80
100
120
IO = 10 mA
101
Frequency (Hz)
Figure 8. Ripple Rejection vs. Frequency
(Fixed Versions)
0
20
40
60
80
100
102
103
104
105
TCASE = 25°C
IOUT = 6.0 A
(VIN − VOUT = 3.0 V)
VRIPPLE = 1.6 VPP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com