Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8-SW-PE2 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-PE2
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-PE2 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP8-SW-PE2 Datasheet HTML 3Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 4Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 5Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 6Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 7Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 8Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 9Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 10Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
Pinouts for 28-Pin Packages
Port
Type
Alt. Fun
In System
Emulation Mode
28-Pin
DIP/SOIC
L0
I/O
MIWU or Low Speed OSC In
3
L1
I/O
MIWU or CKX or Low Speed OSC Out
4
L2
I/O
MIWU or TDX
5
L3
I/O
MIWU or RDX
6
L4
I/O
MIWU or T2A
7
L5
I/O
MIWU or T2B
8
L6
I/O
MIWU or T3A
9
L7
I/O
MIWU or T3B
10
G0
I/O
INT
Input
22
G1
I/O
WDOUT
a
POUT
23
G2
I/O
T1B
Output
24
G3
I/O
T1A
Clock
25
G4
I/O
SO
26
G5
I/O
SK
27
G6
I
SI
28
G7
I
CKO
1
B2
I/O
ADCH10
11
B3
I/O
ADCH11 or AMP1 Output
12
B4
I/O
ADCH12 or AMP1 − Input
13
B5
I/O
ADCH13 or AMP1 + Input
14
B6
I/O
ADCH14 or A/D MUX OUT
15
B7
I/O
ADCH15 or A/D IN
16
DV
CC
V
CC
20
DGND
GND
17
AV
CC
19
AGND
18
CKI
I
2
RESET
I
RESET
21
a. G1 operation as WDOUT is controlled by Option Register bit 2.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com