Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8-SW-PE2 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-PE2
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-PE2 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button COP8-SW-PE2 Datasheet HTML 69Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 70Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 71Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 72Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 73Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 74Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 75Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 76Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
22.0 Instruction Set (Continued)
22.6 INSTRUCTION SET SUMMARY
ADD
A,Meml
ADD
A
←A + Meml
ADC
A,Meml
ADD with Carry
A
←A + Meml+C,C←Carry,
HC
←Half Carry
SUBC
A,Meml
Subtract with Carry
A
←A − MemI+C,C←Carry,
HC
←Half Carry
AND
A,Meml
Logical AND
A
←A and Meml
ANDSZ
A,Imm
Logical AND Immed., Skip if Zero
Skip next if (A and Imm) = 0
OR
A,Meml
Logical OR
A
←A or Meml
XOR
A,Meml
Logical EXclusive OR
A
←A xor Meml
IFEQ
MD,Imm
IF EQual
Compare MD and Imm, Do next if MD = Imm
IFEQ
A,Meml
IF EQual
Compare A and Meml, Do next if A = Meml
IFNE
A,Meml
IF Not Equal
Compare A and Meml, Do next if A
≠ Meml
IFGT
A,Meml
IF Greater Than
Compare A and Meml, Do next if A > Meml
IFBNE
#
If B Not Equal
Do next if lower 4 bits of B
≠ Imm
DRSZ
Reg
Decrement Reg., Skip if Zero
Reg
←Reg − 1, Skip if Reg = 0
SBIT
#,Mem
Set BIT
1 to bit, Mem (bit=0to7 immediate)
RBIT
#,Mem
Reset BIT
0 to bit, Mem
IFBIT
#,Mem
IF BIT
If bit #,A or Mem is true do next instruction
RPND
Reset PeNDing Flag
Reset Software Interrupt Pending Flag
X
A,Mem
EXchange A with Memory
A
↔Mem
X
A,[X]
EXchange A with Memory [X]
A
↔[X]
LD
A,Meml
LoaD A with Memory
A
←Meml
LD
A,[X]
LoaD A with Memory [X]
A
←[X]
LD
B,Imm
LoaD B with Immed.
B
←Imm
LD
Mem,Imm
LoaD Memory Immed.
Mem
←Imm
LD
Reg,Imm
LoaD Register Memory Immed.
Reg
←Imm
XA, [B±]
EXchange A with Memory [B]
A
↔[B], (B←B±1)
XA, [X±]
EXchange A with Memory [X]
A
↔[X], (X←X±1)
LD
A, [B±]
LoaD A with Memory [B]
A
←[B], (B←B±1)
LD
A, [X±]
LoaD A with Memory [X]
A
←[X], (X←X±1)
LD
[B±],Imm
LoaD Memory [B] Immed.
[B]
←Imm, (B←B±1)
CLR
A
CLeaR A
A
←0
INC
A
INCrement A
A
←A+ 1
DEC
A
DECrement A
A
←A− 1
LAID
Load A InDirect from ROM
A
←ROM (PU,A)
DCOR
A
Decimal CORrect A
A
←BCD correction of A (follows ADC, SUBC)
RRC
A
Rotate A Right thru C
C
→A7→…→A0→C
RLC
A
Rotate A Left thru C
C
←A7←…←A0←C, HC←A0
SWAP
A
SWAP nibbles of A
A7…A4
↔A3…A0
SC
Set C
C
←1, HC←1
RC
Reset C
C
←0, HC←0
IFC
IF C
IF C is true, do next instruction
IFNC
IF Not C
If C is not true, do next instruction
POP
A
POP the stack into A
SP
←SP + 1, A←[SP]
PUSH
A
PUSH A onto the stack
[SP]
←A, SP←SP − 1
VIS
Vector to Interrupt Service Routine
PU
←[VU], PL←[VL]
JMPL
Addr.
Jump absolute Long
PC
←ii (ii = 15 bits, 0 to 32k)
JMP
Addr.
Jump absolute
PC9…0
←i (i = 12 bits)
JP
Disp.
Jump relative short
PC
←PC+r(ris−31 to +32, except 1)
www.national.com
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com