Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSO Datasheet(PDF) 1 Page - Schurter Inc.

Part # CSO
Description  Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CSO Datasheet(HTML) 1 Page - Schurter Inc.

  CSO Datasheet HTML 1Page - Schurter Inc. CSO Datasheet HTML 2Page - Schurter Inc. CSO Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuseholder Blocks & Clips
CSO
https://www.schurter.com /PG02
Fuses
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
Solder THT version
Screw or rivet version
See below:
Approvals and Compliances
1500 V · 32A
Description
- Solder, screw or rivet mounting
- For photovoltaic and other DC applications
- Suitable gPV fuse link ASO 10.3x38
Unique Selling Proposition
- Unique 1500 VDC/VAC and 32 A
- Minimal power loss due to strong clamping force
Applications
- All photovoltaic applications
- Inverters
- Battery charge controllers
- String fuse holder
- DC applications
References
Fuseholder to ASO 10.3x38
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Accessories, Detailed request for
product, Microsite
Technical Data
Fuse-Link
10.3 x 38 / 10.3 x 85 mm
Mounting
PCB
Terminal
Solder THT, screw or rivet
Rated Voltage
1500 V
Rated current
32 A
Admissible Ambient Air Temp. -40 °C to 155 °C ¹
⁾
Climatic Category
40/155/21 acc. to IEC 60068-1 ¹
⁾
Material
Copper alloy, silver-plated / tin-plated ¹
⁾
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type
Soldering Methods
Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 1
Contact Resistance
≤ 1mΩ at 20 mV
1) Details see table of variants
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: CSO
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E39328
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
UL 4248-1
Fuseholder general requirements
Designed according to
CSA C22.2 no. 4248.1
Fuseholder general requirements


Similar Part No. - CSO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
329Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
logo
Crystek Corporation
CSO-016T CRYSTEKCRYSTAL-CSO-016T Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016T-25-49.152 CRYSTEKCRYSTAL-CSO-016T-25-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016T-49.152 CRYSTEKCRYSTAL-CSO-016T-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
More results

Similar Description - CSO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231660 SCHURTER-231660 Datasheet
211Kb / 1P
Clip, 10.3 x 38 mm, UR
A10AM SCHURTER-A10AM Datasheet
258Kb / 3P
Miniature Fuse, 10.3 x 38 mm, aM, 500 VAC
A10GG SCHURTER-A10GG Datasheet
281Kb / 3P
Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
0751.0500 SCHURTER-0751.0500 Datasheet
410Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
0751.0500 SCHURTER-0751.0500_16 Datasheet
260Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
231660 SCHURTER-231660_18 Datasheet
205Kb / 2P
Clip, 10.3 x 38 mm, UR
A10GG SCHURTER-A10GG_V01 Datasheet
166Kb / 3P
Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
CSO SCHURTER-CSO_V01 Datasheet
329Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com