Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSO Datasheet(PDF) 2 Page - Schurter Inc.

Part # CSO
Description  Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CSO Datasheet(HTML) 2 Page - Schurter Inc.

  CSO Datasheet HTML 1Page - Schurter Inc. CSO Datasheet HTML 2Page - Schurter Inc. CSO Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuseholder Blocks & Clips
CSO
https://www.schurter.com /PG02
Fuses
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
12 mm
12
15±0.2
13.8±0.1
Solder THT version
30
+0.4
0
(7.5)
(7.5)
15±0.2
15±0.2 15
+0.4
0
ø 3.4
Drilling diagram
12
13.8±0.1
Screw or rivet version
30
+0.4
0
ø 3.4
Drilling diagram
All Variants
Weight
Terminal
Packaging
Admissible Ambient Air
Temp.
Climatic Category Coating
Order Number
4.45 g
Screw or Rivet
Bulk 128 x 91 x 60 mm (100 pcs.)
-40 °C - 155 °C
40/155/21
silver-plated
0751.0500
█
4.45 g
Screw or Rivet
Bulk 251 x 159 x 152 mm (1000 pcs.)
-40 °C - 155 °C
40/155/21
silver-plated
0751.0501
4.45 g
Screw or Rivet
Bulk 128 x 91 x 60 mm (100 pcs.)
-40 °C - 125 °C
40/125/21
tinned
0751.0502
█
4.45 g
Screw or Rivet
Bulk 251 x 159 x 152 mm (1000 pcs.)
-40 °C - 125 °C
40/125/21
tinned
0751.0503
█
4.6 g
Solder, THT
Bulk 128 x 91 x 60 mm (100 pcs.)
-40 °C - 155 °C
40/155/21
silver-plated
0751.0505
█
4.6 g
Solder, THT
Bulk 251 x 159 x 152 mm (1000 pcs.)
-40 °C - 155 °C
40/155/21
silver-plated
0751.0506
█
4.6 g
Solder, THT
Bulk 128 x 91 x 60 mm (100 pcs.)
-40 °C - 125 °C
40/125/21
tinned
0751.0507
█
4.6 g
Solder, THT
Bulk 251 x 159 x 152 mm (1000 pcs.)
-40 °C - 125 °C
40/125/21
tinned
0751.0508
█
█ Most Popular.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com