Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393G-SM1-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LMV393G-SM1-R
Description  DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV393G-SM1-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LMV393G-SM1-R Datasheet HTML 3Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 4Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 5Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 6Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 7Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 8Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 9Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 10Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LMV393
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
8 of 11
www.unisonic.com.tw
QW-R104-004.c
APPLI CAT I ON CI RCU I T S(Cont .)
-
+
15k
D1
*
R1
1M
R2
100k
D2
C1
80pF
R5
1M
V+
R3
1M
R4
1M
VOUT
6µs
60µs
tot1
t2
-V
+
V
+
Pulse Generator
*FOR LARGE RATIOS OF R1/R2.
D1 CAN BE OMITTED.
0
At last, we get,
2
ln
C
R
=
t
1
4
1
2
ln
C
R
=
t
1
5
2
These terms have a slight error because Vmax is not exactly equal to 2/3 VCC but is actually reduced by the diode
drop to:
)
V
-
(V
3
2
=
V
BE
CC
max
1
4
1
C
/R
t
-
BE
e
=
)
V
-
2(1
1
1
5
2
C
/R
t
-
BE
e
=
)
V
-
2(1
1
And that’s the exact value we get.
)
V
-
ln2(1
C
R
=
t
BE
1
4
1
)
V
-
ln2(1
C
R
=
t
BE
1
5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com