Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393G-SM1-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LMV393G-SM1-R
Description  DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV393G-SM1-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LMV393G-SM1-R Datasheet HTML 3Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 4Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 5Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 6Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 7Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 8Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 9Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 10Page - Unisonic Technologies LMV393G-SM1-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LMV393
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
10 of 11
www.unisonic.com.tw
QW-R104-004.c
T Y PI CAL CH ARACT ERI ST I CS
1000
0
20
10
400
600
900
30
800
500
300
40
Output Voltage vs Output Current at 5V Supply
Output Current, IOUT (mA)
50
700
200
+25°
С
100
0
600
0
10
5
200
400
15
500
300
20
Output Voltage vs Output Current at 2.7 Supply
Output Current, IOUT (mA)
+85
+25
100
0
250
2.5
4.5
3.5
50
150
5.5
200
100
Input Bias Current vs Supply Voltage
Supply Voltage, VCC (V)
+85°
С
+25°
С
5
0
VIN=0V
5
0
1
0.5
1
3
1.5
4
2
2
Response Time vs Input Overdrives Negative
Transition
Time (µs)
10mV
100
0
Overdrive
100mV
20m
V
0
5
0
6
3
1
3
9
4
2
12
Response Time for Input Overdrive Positive
Transition
Time (µs)
5mV
-100
0
Overdrive
100mV
20mV
0
Vcc=5V
Ta=25°
С
RL=5.1k
Ω
Vcc=5V
Ta=25°
С
RL=5.1k
Ω
0
1
0.5
1
3
1.
5
2
2
Response Time vs Input Overdrives Negative
Transition
Time (µs)
100
0
Overdrive
100mV
20mV
0
Vcc=2.7V
Ta=25°
С
RL=5.1k
Ω
~
~
~
~
~
~
~
~
~
~
~
~
+85°
С
1100
1200
1300
1400
1500
1600
1700
700
2.5
3
10mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com