Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC393L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULC393L-S08-R
Description  DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC393L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULC393L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 4Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 5Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 6Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ULC393
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 7
www.unisonic.com.tw
QW-R104-011.a
ABSOLU T E M AX I M U M RAT I N G (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range (Note 2)
VDD
-0.3 ~ 18
V
Differential Input Voltage (Note 3)
VID
±18
V
Input Voltage Range
VI
-0.3 ~ VDD
V
Output Voltage Range
VO
-0.3 ~ 16
V
Input Current
II
±5
mA
Output Current (Each Output)
IO
20
mA
Total Supply Current into VDD
40
mA
Total Current Out of GND
40
mA
Power Dissipation
PD
600
mW
Storage Temperature Range
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values, except differential voltages, are with respect to network ground.
3. Differential voltages are at IN+ with respect to IN-.
RECOM M EN DED OPERAT I N G CON DI T I ON S
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3
5
16
V
Common-Mode Input Voltage
VIC
-0.2
VDD-1.5
V
Low-Level Output Current
IOL
20
mA
Operating Free-Air Temperature
TA
-40
+85
°C
ELECT RI CAL CH ARACT ERI ST I CS
(Specified operating free-air temperature, VDD=5V, TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
MAX
UNIT
TA=25°C
1.4
5
mV
Input Offset Voltage
VIO
VDD=5V~10V,
VIC=VICR_MIN, (Note 2) TA=-40°C~+85°C
10
mV
TA=25°C
1
pA
Input Offset Current
IIO
VIC=2.5V
TA=85°C
15
nA
TA=25°C
5
pA
Input Bias Current
IIB
VIC=2.5V
TA=85°C
30
nA
TA=25°C
0
VDD-1
V
Common Mode Input Voltage
Range
VICR
TA=-40°C~+85°C
0
VDD-1.5
V
TA=25°C
84
dB
TA=85°C
84
dB
Common-Mode Rejection
Ratio
CMRR
VIC= VICR_MIN
TA=-40°C
84
dB
TA=25°C
85
dB
TA=85°C
84
dB
Supply-Voltage Rejection
Ratio
kSVR
VDD=5V~10V
TA=-40°C
84
dB
TA=25°C
300
400
mV
Low Level Output Voltage
VOL
VID=-1V, IOL=6mA
TA=85°C
800
mV
TA=25°C
0.8
40
nA
High-Level Output Current
IOH
VID=1V, VO=5V
TA=85°C
1
µA
TA=25°C
22
40
µA
Supply Current
(Both Comparators)
IDD
Outputs Low, No
Load
TA=-40°C~+85°C
90
µA
Notes: 1. All characteristics are measured with zero common-mode voltage unless otherwise specified.
2. The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to
0.3 V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com