Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC393L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # ULC393L-S08-R
Description  DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC393L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  ULC393L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 4Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 5Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 6Page - Unisonic Technologies ULC393L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ULC393
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 7
www.unisonic.com.tw
QW-R104-011.a
PARAM ET ER M EASU REM EN T I N FORM AT I ON (Cont .)
Propagation delay time is defined as the interval between the application of an input step function and the instant
when the output reaches 50% of its maximum value. Propagation delay time, low-to-high-level output, is measured
from the leading edge of the input pulse, while propagation delay time, high-to-low-level output, is measured from the
trailing edge of the input pulse. Propagation delay time measurement at low input signal levels can be greatly
affected by the input offset voltage. The offset voltage should be balanced by the adjustment at the inverting input
(as shown in Figure 2) so that the circuit is just at the transition point. Then a low signal, for example, 105mV or 5mV
overdrive, causes the output to change state.
Low-to-High-
Level Output
Input
Overdrive
100mV
Input
100mV
Overdrive
90%
50%
10%
Level Output
High-to-Low-
tr
tPLH
tPHL
90%
50%
10%
VOLTAGE WAVEFORMS
(Note 1:CL includes probe and jig capacitance.
Figure 2. Propagation Delay, Rise Time, and Fall Time Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com