Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2480CDD Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2480CDD Datasheet HTML 26Page - Linear Technology LTC2480CDD Datasheet HTML 27Page - Linear Technology LTC2480CDD Datasheet HTML 28Page - Linear Technology LTC2480CDD Datasheet HTML 29Page - Linear Technology LTC2480CDD Datasheet HTML 30Page - Linear Technology LTC2480CDD Datasheet HTML 31Page - Linear Technology LTC2480CDD Datasheet HTML 32Page - Linear Technology LTC2480CDD Datasheet HTML 33Page - Linear Technology LTC2480CDD Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
LTC2480
2480f
leakage current. This leakage current, nominally 1nA
(
±10nA max), results in a small gain error. A 100Ω source
resistance will create a 0.05
µV typical and 0.5µV maxi-
mum full-scale error.
Output Data Rate
When using its internal oscillator, the LTC2480 produces
up to 7.5 samples per second (sps) with a notch frequency
of 60Hz, 6.25sps with a notch frequency of 50Hz and
6.82sps with the 50Hz/60Hz rejection mode. The actual
output data rate will depend upon the length of the sleep
and data output phases which are controlled by the user
and which can be made insignificantly short. When oper-
ated with an external conversion clock (FO connected to an
APPLICATIO S I FOR ATIO
Figure 15. +FS Error vs RSOURCE at VREF (Small CREF)
Figure 16. –FS Error vs RSOURCE at VREF (Small CREF)
Figure 17. +FS Error vs RSOURCE at VREF (Large CREF)
Figure 18. –FS Error vs RSOURCE at VREF (Large CREF)
Figure 19. INL vs Differential Input Voltage and
Reference Source Resistance for CREF > 1µF
RSOURCE (Ω)
0
50
70
90
10k
2480 F15
30
10
40
60
80
20
0
–10
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
0
–200
–100
0
800
2480 F18
–300
–400
–500
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
– = 3.75V
FO = GND
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
RSOURCE (Ω)
0
–30
–10
10
10k
2480 F16
–50
–70
–40
–20
0
–60
–80
–90
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
– = 3.75V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
0
300
400
500
800
2480 F17
200
100
0
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
VIN/VREF (V)
– 0.5
2
6
10
0.3
2480 F19
–2
–6
0
4
8
–4
–8
–10
– 0.3
– 0.1
0.1
0.5
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
CREF = 10µF
R = 1k
R = 100
Ω
R = 500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com