Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2480CDD Datasheet(PDF) 37 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC2480CDD Datasheet HTML 32Page - Linear Technology LTC2480CDD Datasheet HTML 33Page - Linear Technology LTC2480CDD Datasheet HTML 34Page - Linear Technology LTC2480CDD Datasheet HTML 35Page - Linear Technology LTC2480CDD Datasheet HTML 36Page - Linear Technology LTC2480CDD Datasheet HTML 37Page - Linear Technology LTC2480CDD Datasheet HTML 38Page - Linear Technology LTC2480CDD Datasheet HTML 39Page - Linear Technology LTC2480CDD Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
37
LTC2480
2480f
APPLICATIO S I FOR ATIO
rejection identical as that for the 1x speed mode. The
averaging operation still keeps the output rate with the
following algorithm:
Result 1 = average (sample 0, sample 1)
Result 2 = average (sample 1, sample 2)
……
Result n = average (sample n – 1, sample n)
The main advantage of the running average is that it
achieves simultaneous 50Hz/60Hz rejection at twice the
effective output rate, as shown in Figure 42. The raw
output data provides a better than 70dB rejection over
48Hz to 62.4Hz, which covers both 50Hz
±2% and 60Hz
±2%. With running average on, the rejection is better than
87dB for both 50Hz
±2% and 60Hz ±2%.
Complete Thermocouple Measurement System with
Cold Junction Compensation
The LTC2480 is ideal for direct digitization of thermocouples
and other low voltage output sensors. The input has a typical
offset error of 500nV (2.5
µV max) offset drift of 10nV/°C
and a noise level of 600nVRMS. The input span may be
optimized for various sensors by setting the gain of the
PGA. Using an external 5V reference with a PGA gain of 64
gives a
±78mV input range—perfect for thermocouples.
Figure 44 (last page of this data sheet) is a complete type
K thermocouple meter. The only signal conditioning is a
simple surge protection network. In any thermocouple
meter, the cold junction temperature sensor must be at the
same temperature as the junction between the thermo-
couple materials and the copper printed circuit board
traces. The tiny LTC2480 can be tucked neatly underneath
an Omega MPJ-K-F thermocouple socket ensuring close
thermal coupling.
The LTC2480’s 1.4mV/
°C PTAT circuit measures the cold
junction temperature. Once the thermocouple voltage and
cold junction temperature are known, there are many ways
of calculating the thermocouple temperature including a
straight-line approximation, lookup tables or a polynomial
curve fit. Calibration is performed by applying an accurate
500mV to the ADC input derived from an LT
®1236 refer-
ence and measuring the local temperature with an accu-
rate thermometer as shown in Figure 43. In calibration
mode, the up and down buttons are used to adjust the local
temperature reading until it matches an accurate ther-
mometer. Both the voltage and temperature calibration
are easily automated.
The complete microcontroller code for this application is
available on the LTC2480 product webpage at:
http://www.linear.com
It can be used as a template for may different instruments
and it illustrates how to generate calibration coefficients
for the onboard temperature sensor. Extensive comments
detail the operation of the program. The read_LTC2480()
function controls the operation of the LTC2480 and is
listed below for reference.
Figure 43. Calibration Setup
CS
SCK
SDO
SDI
FO
6
9
7
1
10
VCC
5V
LTC2480
REF
GND
IN–
IN+
3
ISOTHERMAL
2
C7
0.1
µF
C8
1
µF
4
R2
2k
R7
8k
6
2
5
4
R8
1k
5
2480 F43
26.3C
TYPE K
THERMOCOUPLE
JACK
(OMEGA MPJ-K-F)
11
8
GND
IN OUT
G1
NC1M4V0
TRIM
GND
LT1236
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com