Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP108FD Datasheet(PDF) 2 Page - Cirrus Logic

Part # MP108FD
Description  POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MP108FD Datasheet(HTML) 2 Page - Cirrus Logic

  MP108FD Datasheet HTML 1Page - Cirrus Logic MP108FD Datasheet HTML 2Page - Cirrus Logic MP108FD Datasheet HTML 3Page - Cirrus Logic MP108FD Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
MP108FD
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE
1
5
mV
OFFSET VOLTAGE vs. temperature
Full temperature range
20
50
µV/°C
OFFSET VOLTAGE vs. supply
20
µV/V
BIAS CURRENT, initial3
100
pA
BIAS CURRENT vs. supply
0.1
pA/V
OFFSET CURRENT, initial
50
pA
INPUT RESISTANCE, DC
1011
INPUT CAPACITANCE
4
pF
COMMON MODE VOLTAGE RANGE
+VB - 15
V
COMMON MODE VOLTAGE RANGE
-VB + 15
V
COMMON MODE REJECTION, DC
92
dB
NOISE
1MHz bandwidth, 1kΩ RS
10
µV RMS
GAIN
OPEN LOOP @ 15Hz
RL = 10KΩ, CC = 10pF
96
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
CC = 10pF
10
MHz
PHASE MARGIN
Full temperature range
45
degrees
OUTPUT
VOLTAGE SWING
IO = 10A
+VS - 10
+VS - 8.6
V
VOLTAGE SWING
IO = -10A
-VS + 10
-VS + 7
V
VOLTAGE SWING
IO = 10A, +VB = +VS +10V
+VS - 1.6
V
VOLTAGE SWING
IO = -10A, -VB = -VS -10V
-VS + 5.1
V
CURRENT, continuous, DC
10
A
SLEW RATE, AV = -20
CC = 10pF
150
170
V/µS
SETTLING TIME, to 0.1%
2V Step
1
µS
RESISTANCE
No load, DC
5
POWER BANDWIDTH 180VP-P
CC = 10pF, +VS = 100V, -VS = -100V
300
kHz
POWER SUPPLY
VOLTAGE
±15
±75
±100
V
CURRENT, quiescent
50
65
mA
THERMAL
RESISTANCE, AC, junction to case5
Full temperature range, f ≤ 60Hz
1
°C/W
RESISTANCE, DC, junction to case
Full temperature range, f < 60Hz
1.25
°C/W
RESISTANCE, junction to air
Full temperature range
13
°C/W
TEMPERATURE RANGE, case
-40
85
°C
SUPPLY VOLTAGE, +VS to -VS
200V
SUPPLY VOLTAGE, +VB
+VS + 15V
6
SUPPLY VOLTAGE, -VB
-VS – 15V
6
OUTPUT CURRENT, peak
12A, within SOA
POWER DISSIPATION, internal, DC
100W
INPUT VOLTAGE
+VB to -VB
TEMPERATURE, pin solder, 10s
225°C.
TEMPERATURE, junction2
150°C.
TEMPERATURE RANGE, storage
-40 to 105°C.
OPERATING TEMPERATURE, case
-40 to 85°C.
NOTES:
1. Unless otherwise noted: TC=25°C, compensation CC=100pF, DC input specifications are value given, power supply voltage
is typical rating.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTBF.
3. Doubles for every 10°C of case temperature increase.
4. +VS and -VS denote the positive and negative supply voltages to the output stage. +VB and -VB denote the positive and negative
supply voltages to the input stages.
5. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
6. Power supply voltages +VB and -VB must not be less than +VS and -VS respectively.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com