Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP108FD Datasheet(PDF) 3 Page - Cirrus Logic

Part # MP108FD
Description  POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MP108FD Datasheet(HTML) 3 Page - Cirrus Logic

  MP108FD Datasheet HTML 1Page - Cirrus Logic MP108FD Datasheet HTML 2Page - Cirrus Logic MP108FD Datasheet HTML 3Page - Cirrus Logic MP108FD Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
3
TYPICAL PERFORMANCE
GRAPHS
MP108FD
-40 -20
0
20
40
60
80 100
0
20
40
60
80
100
POWER DERATING
CASE TEMPERATURE, TC (°C)
110
100
SUPPLY TO OUTPUT DIFFERENTIAL, VS-VO (V)
1
10
200
0.2
20
SAFE OPERATING AREA
-50
-25
0
25
50
75
100
70
80
90
100
110
120
130
CASE TEMPERATURE, TC (°C)
CURRENT LIMIT
QUIESCENT CURRENT vs. TEMPERATURE
CASE TEMPERATURE, (°C)
020
40
60
-20
-40
105
100
95
90
115
80 100
110
QUIESCENT CURRENT vs. SUPPLY
TOTAL SUPPLY VOLTAGE, VS (V)
80
120
160
200
40
0
100
80
60
40
120
TC = 85°C
TC = -40°C
TC = 25°C
HARMONIC DISTORTION
FREQUENCY, F (Hz)
30
30K
10K
1K
100
AV = 20
CC = 10pF
±VS = 52V
RL = 4Ω
P O
=
200W
PO = 10W
P O
=
100W
1
0.1
0.01
0.001
SMALL SIGNAL RESPONSE W/O BOOST
FREQUENCY, F (Hz)
10
1M
100K
10K
1K
100
10M
120
100
80
60
40
20
0
CC = 10pF
CC = 33pF
CC = 100pF
RL = 4Ω
IO = 1A DC
SMALL SIGNAL RESPONSE W/ BOOST
FREQUENCY, F (Hz)
10
1M
100K
10K
1K
100
10M
120
100
80
60
40
20
0
CC = 33pF
CC = 220pF
CC = 470pF
RL = 4Ω
IO = 1A
1
FREQUENCY, F (Hz)
200
20
100
10K
100K
1M
5M
POWER RESPONSE
2
3
2
1
1
PHASE RESPONSE W/ BOOST
FREQUENCY, F (Hz)
100K
5M
1M
90
120
150
180
210
1 CC = 10pF
2 CC = 33pF
3 CC = 100pF
RL = 4Ω
IO = 1A
2
3
2
1
1
PHASE RESPONSE W/O BOOST
FREQUENCY, F (Hz)
300K
10M
1M
90
120
150
180
1 CC = 10pF
2 CC = 33pF
3 CC = 100pF
RL = 4Ω
IO = 1A
OUTPUT VOLTAGE SWING
OUTPUT CURRENT, IO (A)
9
8
7
6
5
4
3
2
1
0
02468
10
W/O BOOST
FROM +VS
W/O
BOOST
FROM
-VS
WITH BOOST
FROM
+VS
WITH
BOOST
FRO
M -V
S
TC = 25°C
50mS PULSE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com