Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3939ILQX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3939ILQX
Description  Power Amplifier Driver For Dual Band CDMA Handsets
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3939ILQX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3939ILQX Datasheet HTML 1Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 2Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 3Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 4Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 5Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 6Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Connection Diagram
(LLP16: NSC Marketing Drawing LQA16A)
20083102
Top View
See NS Package Number LQA16A
Pin Description
Pin
Name
Functional Description
1
INV_A1
Input
2V
DD2
Supply. V
DD1 and VDD2 must be
tied together externally.
3
PCS_ON
Output, open drain
4
PCS_GAIN
Output, open drain
5
INV_Y1
Output
6
GAIN_MODE
Input
7
EN_CELL
Input
8
EN_PCS
Input
9
CELL_GAIN
Output, open drain
10
CELL_ON
Output, open drain
11
V
DD1
Supply. V
DD1 and VDD2 must be
tied together externally.
12
PA_ON
Output
13
INV_A2
Input
14
INV_Y2
Output, open drain
15
GND
GND
16
A1_SINK
Output, open drain
Ordering Information
LP3939 Supplied as 1k Units, Tape and Reel
LP3939 Supplied as 4.5k Units, Tape and Reel
Package Marking
LP3939ILQ
LP3939ILQX
National Logo
UZXYTT
LP3939
Note:
U-wafer fab code
Z-assembly plant code
XY-date code
TT-die run traceability
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com