Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3939ILQX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3939ILQX
Description  Power Amplifier Driver For Dual Band CDMA Handsets
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3939ILQX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3939ILQX Datasheet HTML 1Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 2Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 3Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 4Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 5Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 6Page - National Semiconductor (TI) LP3939ILQX Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP3939
Power Amplifier Driver for Dual Band CDMA Handsets
General Description
Designed
specifically
for
Qualcomm’s
MSM3xxx
and
MSM5xxx series, the LP3939 is an integrated device that
provides interface to the baseband processor to power-
switch two independent power amplifiers in dual band appli-
cations. By integrating the discrete components necessary
to achieve the same functions, the LP3939 drastically re-
duces board space and component cost.
Features
n
Power-switch for dual band CDMA power amplifier
Key Specifications
n
0.002 µA Quiescent Current (typ)
n
LLP16 Package
Applications
n
Dual-band CDMA phones with MSM3xxx or MSM5xxx
platform
LP3939 Application Circuit
20083101
Note: This application circuit shows the connection interface to a typical Skyworks PA. Connections to other PA vendors may vary slightly.
November 2003
© 2003 National Semiconductor Corporation
DS200831
www.national.com


Similar Part No. - LP3939ILQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3931 NSC-LP3931 Datasheet
399Kb / 17P
Dual RGB LED Driver with High Current Boost DC-DC Converter
LP3931ISQ NSC-LP3931ISQ Datasheet
399Kb / 17P
Dual RGB LED Driver with High Current Boost DC-DC Converter
LP3931ISQX NSC-LP3931ISQX Datasheet
399Kb / 17P
Dual RGB LED Driver with High Current Boost DC-DC Converter
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
LP3933SL NSC-LP3933SL Datasheet
406Kb / 18P
Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
More results

Similar Description - LP3939ILQX

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5144 RFMD-RF5144 Datasheet
82Kb / 8P
DUAL-BAND CDMA 800MHz/1900MHz TRI-MODE POWER AMPLIFIER MODULE
RF5184 RFMD-RF5184 Datasheet
82Kb / 8P
DUAL-BAND 800MHz/1900MHz W-CDMA POWER AMPLIFIER MODULE
logo
ANADIGICS, Inc
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6341 ANADIGICS-AWC6341 Datasheet
320Kb / 8P
HELP CDMA Band Class 1 CDMA Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
AJAV-5508 AVAGO-AJAV-5508 Datasheet
263Kb / 6P
W-CDMA/HSPA Band VIII Power Amplifier
AJAV-5601 AVAGO-AJAV-5601 Datasheet
246Kb / 6P
W-CDMA/HSPA Band I Power Amplifier
AJAV-5505 AVAGO-AJAV-5505 Datasheet
244Kb / 6P
W-CDMA/HSPA Band V Power Amplifier
AJAV-5602 AVAGO-AJAV-5602 Datasheet
246Kb / 6P
W-CDMA/HSPA Band II Power Amplifier
logo
Skyworks Solutions Inc.
SKY77580 SKYWORKS-SKY77580 Datasheet
79Kb / 2P
Dual-band cellular handsets encompassing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com