Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6341 Datasheet (PDF) - ANADIGICS, Inc

AWC6341 Datasheet PDF - ANADIGICS, Inc
Part # AWC6341
Download  AWC6341 Download
File Size   320.67 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP CDMA Band Class 1 CDMA Power Amplifier Module

AWC6341 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWC6341 Datasheet PDF - ANADIGICS, Inc

Part # AWC6341
Download  AWC6341 Click to download

File Size   320.67 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP CDMA Band Class 1 CDMA Power Amplifier Module

AWC6341 Datasheet (HTML) - ANADIGICS, Inc


AWC6341 Product details

PRODUCT DESCRIPTION
The AWC6341 is a HELPTM product for CDMA devices operating in Band Class 1 and Band Class 14. This PA incorporates ANADIGICS’ HELPTM technology to deliver exceptional efficiency at low power levels and low quiescent current without the need for external voltage regulators or converters. The device is manufactured using advanced InGaP HBT technology offering state-of-the-art reliability, temperature stability, and ruggedness.

FEATURES
• CDMA / EVDO Compliant
• HELPTM technology
• High Efficiency (RC-1 waveform):
    • 37 % @ POUT = +28.2 dBm
    • 33 % @ POUT = +17 dBm
• Low Quiescent Current: 11 mA
• Low Leakage Current in Shutdown Mode: <5 µA
• Internal Voltage Regulator
• Integrated “daisy chainable” directional coupler with CPLIN and CPLOUT port
• Internal DC blocks on RF IN/OUT ports
• Optimized for a 50 Ω System
• 1.8 V Control Logic
• RoHS Compliant Package, 260 oC MSL-3

APPLICATIONS
• Band Class 1 and 14 CDMA/EVDO Wireless Devices




Similar Part No. - AWC6341

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6340P9 ANADIGICS-AWC6340P9 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6340Q7 ANADIGICS-AWC6340Q7 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
AWC6344P9 ANADIGICS-AWC6344P9 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
More results


Similar Description - AWC6341

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
RF Micro Devices
RF3511 RFMD-RF3511 Datasheet
86Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3512 RFMD-RF3512 Datasheet
114Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3515 RFMD-RF3515 Datasheet
118Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3518 RFMD-RF3518 Datasheet
87Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
logo
Qorvo, Inc
RF3518 QORVO-RF3518 Datasheet
87Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3515 QORVO-RF3515 Datasheet
118Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3511 QORVO-RF3511 Datasheet
86Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com