Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6341 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWC6341
Description  HELP CDMA Band Class 1 CDMA Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6341 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWC6341 Datasheet HTML 1Page - ANADIGICS, Inc AWC6341 Datasheet HTML 2Page - ANADIGICS, Inc AWC6341 Datasheet HTML 3Page - ANADIGICS, Inc AWC6341 Datasheet HTML 4Page - ANADIGICS, Inc AWC6341 Datasheet HTML 5Page - ANADIGICS, Inc AWC6341 Datasheet HTML 6Page - ANADIGICS, Inc AWC6341 Datasheet HTML 7Page - ANADIGICS, Inc AWC6341 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11/2012
AWC6341
HELPTM CDMA Band Class 1
CDMA Power Amplifier Module
Data Sheet - Rev 2.4
M45 Package
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• CDMA / EVDO Compliant
• HELPTM technology
• High Efficiency (RC-1 waveform):
• 37 % @ POUT = +28.2 dBm
• 33 % @ POUT = +17 dBm
• Low Quiescent Current: 11 mA
• Low Leakage Current in Shutdown Mode: <5 µA
• Internal Voltage Regulator
• Integrated “daisy chainable” directional coupler
with CPLIN and CPLOUT port
• Internal DC blocks on RF IN/OUT ports
• Optimized for a 50 Ω System
• 1.8 V Control Logic
• RoHS Compliant Package, 260 oC MSL-3
APPLICATIONS
• Band Class 1 and 14 CDMA/EVDO Wireless
Devices
PRODUCT DESCRIPTION
The AWC6341 is a HELPTM product for CDMA devices
operating in Band Class 1 and Band Class 14. This
PA incorporates ANADIGICS’ HELPTM technology to
deliver exceptional efficiency at low power levels and
low quiescent current without the need for external
voltage regulators or converters. The device is
manufactured using advanced InGaP HBT technology
offering state-of-the-art reliability, temperature stability,
and ruggedness. Two selectable bias modes that
optimize efficiency for different output power levels and
a shutdown mode with low leakage current increase
handset talk and standby time. A “daisy chainable”
directional coupler is integrated in the module, thus
eliminating the need of an external coupler. The
self-contained 3 mm x 3 mm x 1 mm surface mount
package incorporates matching networks optimized for
output power, efficiency, and linearity in a 50 Ω system.
AWC6341
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
GND
VMODE
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
Voltage Regulation
CPL
GND at Slug (pad)


Similar Part No. - AWC6341

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6340P9 ANADIGICS-AWC6340P9 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6340Q7 ANADIGICS-AWC6340Q7 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
AWC6344P9 ANADIGICS-AWC6344P9 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
More results

Similar Description - AWC6341

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
RF Micro Devices
RF3511 RFMD-RF3511 Datasheet
86Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3512 RFMD-RF3512 Datasheet
114Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3515 RFMD-RF3515 Datasheet
118Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3518 RFMD-RF3518 Datasheet
87Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
logo
Qorvo, Inc
RF3518 QORVO-RF3518 Datasheet
87Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3515 QORVO-RF3515 Datasheet
118Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3511 QORVO-RF3511 Datasheet
86Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com