Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6344 Datasheet (PDF) - ANADIGICS, Inc

AWC6344 Datasheet PDF - ANADIGICS, Inc
Part # AWC6344
Download  AWC6344 Download
File Size   333.58 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP CDMA AWS/KPCS CDMA Power Amplifier Module

AWC6344 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWC6344 Datasheet PDF - ANADIGICS, Inc

Part # AWC6344
Download  AWC6344 Click to download

File Size   333.58 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP CDMA AWS/KPCS CDMA Power Amplifier Module

AWC6344 Datasheet (HTML) - ANADIGICS, Inc


AWC6344 Product details

PRODUCT DESCRIPTION
The AWC6344 is a HELPTM product for CDMA devices operating in AWS/KPCS band. This PA incorporates ANADIGICS’ HELPTM technology to deliver exceptional efficiency at low power levels and low quiescent current without the need for external voltage regulators or converters. The device is manufactured using advanced InGaP HBT technology offering state-of-the-art reliability, temperature stability, and ruggedness. Two selectable bias modes that optimize efficiency for different output power levels and a shutdown mode with low leakage current increase handset talk and standby time. A “daisy chainable” directional coupler is integrated in the module, thus eliminating the need of an external coupler. The self-contained 3 mm x 3 mm x 1 mm surface mount package incorporates matching networks optimized for output power, efficiency, and linearity in a 50 Ω system.

FEATURES
• HELPTM technology
• High Efficiency (RC-1 waveform):
    • 37 % @ POUT = +28 dBm
    • 34 % @ POUT = +16.5 dBm
• Low Quiescent Current: 12 mA
• Low Leakage Current in Shutdown Mode: <5 µA
• Internal Voltage Regulator
• Integrated “daisy chainable” directional coupler with CPLIN and CPLOUT port
• Internal DC blocks on IN/OUT RF ports
• Optimized for a 50 Ω System
• 1.8 V Control Logic
• RoHS Compliant Package, 260 oC MSL-3

APPLICATIONS
• Band Class 4, 8 and 15




Similar Part No. - AWC6344

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6340P9 ANADIGICS-AWC6340P9 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6340Q7 ANADIGICS-AWC6340Q7 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6341 ANADIGICS-AWC6341 Datasheet
320Kb / 8P
HELP CDMA Band Class 1 CDMA Power Amplifier Module
AWC6341P9 ANADIGICS-AWC6341P9 Datasheet
320Kb / 8P
HELP CDMA Band Class 1 CDMA Power Amplifier Module
More results


Similar Description - AWC6344

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
CDMA/AMPS Power Amplifier Module
logo
ANADIGICS, Inc
AWT6137 ANADIGICS-AWT6137 Datasheet
212Kb / 12P
HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 1.0
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
REV 2.2
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 0.0
CHP1237 ANADIGICS-CHP1237 Datasheet
243Kb / 12P
KPCS CDMA InGaP HBT Amplifier
Rev 1.5
AWT6309 ANADIGICS-AWT6309 Datasheet
456Kb / 8P
HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
05/2009
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6341 ANADIGICS-AWC6341 Datasheet
320Kb / 8P
HELP CDMA Band Class 1 CDMA Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
CDMA/AMPS Power Amplifier Module
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com