Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHP1237 Datasheet (PDF) - ANADIGICS, Inc

CHP1237 Datasheet PDF - ANADIGICS, Inc
Part # CHP1237
Download  CHP1237 Download
File Size   243.72 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description KPCS CDMA InGaP HBT Amplifier

CHP1237 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHP1237 Datasheet PDF - ANADIGICS, Inc

Part # CHP1237
Download  CHP1237 Click to download

File Size   243.72 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description KPCS CDMA InGaP HBT Amplifier

CHP1237 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - CHP1237

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHP1206 BOURNS-CHP1206 Datasheet
1Mb / 7P
Ultra-High Power Chip Resistors
CHP1206A BOURNS-CHP1206A Datasheet
222Kb / 8P
CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
CHP1206AFW-1002ELF BOURNS-CHP1206AFW-1002ELF Datasheet
222Kb / 8P
CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
CHP1206AFX-1002ELF BOURNS-CHP1206AFX-1002ELF Datasheet
222Kb / 8P
CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
CHP1206AJW-1002ELF BOURNS-CHP1206AJW-1002ELF Datasheet
222Kb / 8P
CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
More results


Similar Description - CHP1237

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
InGaP/GaAs HBT MMIC Amplifier
logo
Aeroflex Circuit Techno...
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
1 Watt InGaP HBT Amplifier
MMA709 AEROFLEX-MMA709 Datasheet
622Kb / 4P
2 Watt InGaP HBT Amplifier
logo
ANADIGICS, Inc
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
REV 2.2
logo
Eudyna Devices Inc
P02221B2P EUDYNA-P02221B2P Datasheet
288Kb / 6P
500mW InGaP HBT Amplifier
logo
ANADIGICS, Inc
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 0.0
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
InGaP HBT Amplifier
logo
SJM Prewell. All Rights...
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
High Linearity InGaP HBT Amplifier
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com