Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHP1237 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # CHP1237
Description  KPCS CDMA InGaP HBT Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

CHP1237 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  CHP1237 Datasheet HTML 1Page - ANADIGICS, Inc CHP1237 Datasheet HTML 2Page - ANADIGICS, Inc CHP1237 Datasheet HTML 3Page - ANADIGICS, Inc CHP1237 Datasheet HTML 4Page - ANADIGICS, Inc CHP1237 Datasheet HTML 5Page - ANADIGICS, Inc CHP1237 Datasheet HTML 6Page - ANADIGICS, Inc CHP1237 Datasheet HTML 7Page - ANADIGICS, Inc CHP1237 Datasheet HTML 8Page - ANADIGICS, Inc CHP1237 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
08/2004
CHP1237
KPCS CDMA
InGaP HBT Amplifier Module
PRELIMINARY DATA SHEET - Rev 1.5
M12 Package
9 Pin 3 x 3 x 1 mm
Surface Mount Module
FEATURES
Small Profile (3 x 3 x 1 mm)
PFTTM 50
Ω Matched Module
High Linearity of -50 dBc
High PAE of 39%
InGaP HBT Technology
Low Quiescent Current of 55 mA
Single Positive Supply Voltage
APPLICATIONS
Korean PCS CDMA handsets
PRODUCT DESCRIPTION
CHP1237 is an InGaP HBT amplifier module
offering high performance for PCS CDMA wireless
handsets. It consists of a two-stage amplifier, 50
matching network for both input and output, and a
Figure 1: Block Diagram
bias control circuit. It is packaged in a 3 x 3 x 1 mm
package using proprietary Passive-Free Technology
(PFT)TM. The package provides excellent electrical
stability and low thermal resistance.
1
4
RFIN
CHP1237
RFOUT
C7
1nF
VCC
C4
27pF
C5
220pF
C6
2.7µF
9
6
VREF1
C8
1nF
2
3
8
7
5
VREF2


Similar Part No. - CHP1237

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHP1206 BOURNS-CHP1206 Datasheet
1Mb / 7P
Ultra-High Power Chip Resistors
CHP1206A BOURNS-CHP1206A Datasheet
222Kb / 8P
CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
CHP1206AFW-1002ELF BOURNS-CHP1206AFW-1002ELF Datasheet
222Kb / 8P
CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
CHP1206AFX-1002ELF BOURNS-CHP1206AFX-1002ELF Datasheet
222Kb / 8P
CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
CHP1206AJW-1002ELF BOURNS-CHP1206AJW-1002ELF Datasheet
222Kb / 8P
CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
More results

Similar Description - CHP1237

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
InGaP/GaAs HBT MMIC Amplifier
logo
Aeroflex Circuit Techno...
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
1 Watt InGaP HBT Amplifier
MMA709 AEROFLEX-MMA709 Datasheet
622Kb / 4P
2 Watt InGaP HBT Amplifier
logo
ANADIGICS, Inc
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
REV 2.2
logo
Eudyna Devices Inc
P02221B2P EUDYNA-P02221B2P Datasheet
288Kb / 6P
500mW InGaP HBT Amplifier
logo
ANADIGICS, Inc
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 0.0
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
InGaP HBT Amplifier
logo
SJM Prewell. All Rights...
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com