Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHP1237 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # CHP1237
Description  KPCS CDMA InGaP HBT Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

CHP1237 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  CHP1237 Datasheet HTML 1Page - ANADIGICS, Inc CHP1237 Datasheet HTML 2Page - ANADIGICS, Inc CHP1237 Datasheet HTML 3Page - ANADIGICS, Inc CHP1237 Datasheet HTML 4Page - ANADIGICS, Inc CHP1237 Datasheet HTML 5Page - ANADIGICS, Inc CHP1237 Datasheet HTML 6Page - ANADIGICS, Inc CHP1237 Datasheet HTML 7Page - ANADIGICS, Inc CHP1237 Datasheet HTML 8Page - ANADIGICS, Inc CHP1237 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.5
08/2004
CHP1237
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation
is not implied under these conditions. Exposure to absolute ratings for extended periods of
time may adversely affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical
specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
P
(
r
e
w
o
P
t
u
p
n
I
F
R
N
I
)-
0
1m
B
d
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C
)-
6
V
V
(
1
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
1
F
E
R
)-
4
.
3V
V
(
2
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
2
F
E
R
)-
4
.
3V
T
(
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
e
s
a
C
C
)0
3
-0
0
1C
°
T
(
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
G
T
S
)5
5
-5
2
1C
°
T
(
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
S
)-
0
4
2C
°s
d
n
o
c
e
s
5
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
)
f
(
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O0
5
7
1-
0
8
7
1
z
H
M
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C
)2
.
3
+4
.
3
+2
.
4
+
V
V
(
1
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
1
F
E
R
)5
9
.
2
+0
0
.
3
+5
0
.
3
+V
V
(
2
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
2
F
E
R
)5
9
.
2
+0
0
.
3
+5
0
.
3
+V
T
(
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
C
)0
3
-5
2
+5
8
+C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com