Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHP1237 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # CHP1237
Description  KPCS CDMA InGaP HBT Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

CHP1237 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  CHP1237 Datasheet HTML 1Page - ANADIGICS, Inc CHP1237 Datasheet HTML 2Page - ANADIGICS, Inc CHP1237 Datasheet HTML 3Page - ANADIGICS, Inc CHP1237 Datasheet HTML 4Page - ANADIGICS, Inc CHP1237 Datasheet HTML 5Page - ANADIGICS, Inc CHP1237 Datasheet HTML 6Page - ANADIGICS, Inc CHP1237 Datasheet HTML 7Page - ANADIGICS, Inc CHP1237 Datasheet HTML 8Page - ANADIGICS, Inc CHP1237 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.5
08/2004
CHP1237
Table 4: Electrical Specifications
(TC = +25 °C, fo = 1765 MHz, VCC = 3.4 V, VREF1 = 3.0 V,
VREF2 = 3.0 V, (unless otherwise specified) )
Notes:
(1) Includes the current at pins 1, 4, 5, and 9.
(2) ACPR is specified per IS95 as the ratio of adjacent power in 30 kHz BW to the total in-band power
(1.23 MHz BW).
(3) Includes the current at pins 1 and 9 (Vcc current).
(4) RxBn is measured at 80 MHz above the operating frequency (Fo).
(Measurement setup: RBW = 30 kHz, VBW = 30 kHz).
(5) All phases, time equals to 10 seconds.
Table 5: Power Mode Truth Table
E
D
O
M
R
E
W
O
P
V
1
F
E
R
V
2
F
E
R
N
I
A
G
L
A
C
I
P
Y
T
n
w
o
D
t
u
h
SV
0V
0B
d
0
4
-
<
r
e
w
o
P
h
g
i
HV
3V
3B
d
5
.
7
2
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
n
i
a
G
G
h
G
4
2
5
.
5
2
5
.
6
2
5
.
7
2
8
2
5
.
9
2
B
d
PO
m
B
d
6
1
=
PO
m
B
d
8
2
=
n
o
it
a
ir
a
V
n
i
a
G-
-
0
.
1B
dPO
y
c
n
e
u
q
e
r
f
r
e
v
o
m
B
d
8
2
=
y
c
n
e
i
c
if
f
E
d
e
d
d
A
-
r
e
w
o
P
)
1
(
E
A
P
H
E
A
P
5
.
7
6
3
9
9
3
-
-
%
PO
m
B
d
6
1
=
PO
m
B
d
8
2
=
)I
(
t
n
e
r
r
u
C
l
a
t
o
T
-
-
-
-
7
5
1
5
1
5
A
m
PO
m
B
d
6
1
=
PO
m
B
d
8
2
=
o
it
a
R
r
e
w
o
P
l
e
n
n
a
h
C
t
n
e
c
a
j
d
A
)
2
(
t
e
s
ff
o
z
H
M
5
2
.
1
L
1
R
P
C
A
H
1
R
P
C
A
t
e
s
ff
O
z
H
M
5
2
.
2
L
2
R
P
C
A
H
2
R
P
C
A
-
-
-
-
2
5
-
0
5
-
2
7
-
9
5
-
9
4
-
7
4
-
0
6
-
6
5
-
c
B
d
PO
m
B
d
6
1
=
PO
m
B
d
8
2
=
PO
m
B
d
6
1
=
PO
m
B
d
8
2
=
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
)
e
d
o
M
n
w
o
d
t
u
h
S
(
s
q
I
q
I
)
3
(
-
5
4
1
5
5
5
0
6
mA
A
m
V
1
F
E
R
V
,
V
0
=
2
F
E
R
F
R
o
N
,
V
0
=
V
1
F
E
R
V
,
V
3
=
2
F
E
R
F
R
o
N
,
V
3
=
d
n
a
B
e
v
i
e
c
e
R
n
i
e
s
i
o
N
)
4
(
-6
3
1
-3
3
1
-z
H
/
m
B
dPO
m
B
d
8
2
=
s
c
i
n
o
m
r
a
H
o
f
2
o
f
3
-
-
-
-
0
3
-
0
3
-
c
B
d
PO
m
B
d
8
2
=
PO
m
B
d
8
2
=
l
e
v
e
L
t
u
p
t
u
O
s
u
o
ir
u
p
S-
-
0
6
-c
B
d1
:
6
<
R
W
S
V
e
g
a
m
a
d
o
n
-
s
s
e
n
d
e
g
g
u
R
)
5
(
1
:
0
1-
-
R
W
S
VPO
m
B
d
8
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com